Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK50DX256CMB7 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MK50DX256CMB7
Description  K50 Sub-Family
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK50DX256CMB7 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MK50DX256CMB7 Datasheet HTML 11Page - Freescale Semiconductor, Inc MK50DX256CMB7 Datasheet HTML 12Page - Freescale Semiconductor, Inc MK50DX256CMB7 Datasheet HTML 13Page - Freescale Semiconductor, Inc MK50DX256CMB7 Datasheet HTML 14Page - Freescale Semiconductor, Inc MK50DX256CMB7 Datasheet HTML 15Page - Freescale Semiconductor, Inc MK50DX256CMB7 Datasheet HTML 16Page - Freescale Semiconductor, Inc MK50DX256CMB7 Datasheet HTML 17Page - Freescale Semiconductor, Inc MK50DX256CMB7 Datasheet HTML 18Page - Freescale Semiconductor, Inc MK50DX256CMB7 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
• FlexBus clock = 36 MHz
• Flash clock = 24 MHz
Table 5. Power mode transition operating behaviors
Symbol
Description
Min.
Max.
Unit
Notes
tPOR
After a POR event, amount of time from the point VDD
reaches 1.71 V to execution of the first instruction
across the operating temperature range of the chip.
—
300
μs
1
• VLLS1 → RUN
—
112
μs
• VLLS2 → RUN
—
74
μs
• VLLS3 → RUN
—
73
μs
• LLS → RUN
—
5.9
μs
• VLPS → RUN
—
5.8
μs
• STOP → RUN
—
4.2
μs
1. Normal boot (FTFL_OPT[LPBOOT]=1)
5.2.5 Power consumption operating behaviors
Table 6. Power consumption operating behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDDA
Analog supply current
—
—
See note
mA
1
IDD_RUN
Run mode current — all peripheral clocks
disabled, code executing from flash
• @ 1.8V
• @ 3.0V
—
—
21.5
21.5
25
30
mA
mA
2
IDD_RUN
Run mode current — all peripheral clocks
enabled, code executing from flash
• @ 1.8V
• @ 3.0V
• @ 25°C
• @ 125°C
—
—
—
31
31
32
34
34
39
mA
mA
mA
3, 4
IDD_WAIT
Wait mode high frequency current at 3.0 V — all
peripheral clocks disabled
—
12.5
—
mA
2
IDD_WAIT
Wait mode reduced frequency current at 3.0 V
— all peripheral clocks disabled
—
7.2
—
mA
5
Table continues on the next page...
General
K50 Sub-Family Data Sheet, Rev. 2, 4/2012.
Freescale Semiconductor, Inc.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com