Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K60P144M150SF3 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # K60P144M150SF3
Description  K60 Sub-Family Data Sheet
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K60P144M150SF3 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button K60P144M150SF3 Datasheet HTML 17Page - Freescale Semiconductor, Inc K60P144M150SF3 Datasheet HTML 18Page - Freescale Semiconductor, Inc K60P144M150SF3 Datasheet HTML 19Page - Freescale Semiconductor, Inc K60P144M150SF3 Datasheet HTML 20Page - Freescale Semiconductor, Inc K60P144M150SF3 Datasheet HTML 21Page - Freescale Semiconductor, Inc K60P144M150SF3 Datasheet HTML 22Page - Freescale Semiconductor, Inc K60P144M150SF3 Datasheet HTML 23Page - Freescale Semiconductor, Inc K60P144M150SF3 Datasheet HTML 24Page - Freescale Semiconductor, Inc K60P144M150SF3 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
emission level is the value of the maximum measured emission, rounded up to the next whole number, from among the
measured orientations in each frequency range.
2. VDD = 3.3 V, TA = 25 °C, fOSC = 12 MHz (crystal), fSYS = 96 MHz, fBUS = 48 MHz
3. Specified according to Annex D of IEC Standard 61967-2, Measurement of Radiated Emissions—TEM Cell and Wideband
TEM Cell Method
5.2.7 Designing with radiated emissions in mind
To find application notes that provide guidance on designing your system to minimize
interference from radiated emissions:
1. Go to http://www.freescale.com.
2. Perform a keyword search for “EMC design.”
5.2.8 Capacitance attributes
Table 8. Capacitance attributes
Symbol
Description
Min.
Max.
Unit
CIN_A
Input capacitance: analog pins
—
7
pF
CIN_D
Input capacitance: digital pins
—
7
pF
CIN_D_io60
Input capacitance: fast digital pins
—
9
pF
5.3 Switching specifications
5.3.1 Device clock specifications
Table 9. Device clock specifications
Symbol
Description
Min.
Max.
Unit
Notes
Normal run mode
fSYS
System and core clock
—
150
MHz
fSYS_USBFS
System and core clock when Full Speed USB in
operation
20
—
MHz
fSYS_USBHS
System and core clock when High Speed USB in
operation
60
—
MHz
fENET
System and core clock when ethernet in operation
• 10 Mbps
• 100 Mbps
5
50
—
—
MHz
fBUS
Bus clock
—
75
MHz
Table continues on the next page...
General
K60 Sub-Family Data Sheet Data Sheet, Rev. 3, 2/2012.
Freescale Semiconductor, Inc.
Preliminary
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com