Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK70FN1M0VMJ12 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MK70FN1M0VMJ12
Description  K70 Sub-Family Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK70FN1M0VMJ12 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MK70FN1M0VMJ12 Datasheet HTML 17Page - Freescale Semiconductor, Inc MK70FN1M0VMJ12 Datasheet HTML 18Page - Freescale Semiconductor, Inc MK70FN1M0VMJ12 Datasheet HTML 19Page - Freescale Semiconductor, Inc MK70FN1M0VMJ12 Datasheet HTML 20Page - Freescale Semiconductor, Inc MK70FN1M0VMJ12 Datasheet HTML 21Page - Freescale Semiconductor, Inc MK70FN1M0VMJ12 Datasheet HTML 22Page - Freescale Semiconductor, Inc MK70FN1M0VMJ12 Datasheet HTML 23Page - Freescale Semiconductor, Inc MK70FN1M0VMJ12 Datasheet HTML 24Page - Freescale Semiconductor, Inc MK70FN1M0VMJ12 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
• MCG in FBE mode for 50 MHz and lower frequencies. MCG in FEE mode at greater
than 50 MHz frequencies. MCG in PEE mode is greater than 100 MHz frequencies.
• USB regulator disabled
• No GPIOs toggled
• Code execution from flash with cache enabled
• For the ALLOFF curve, all peripheral clocks are disabled except FTFL
Figure 2. Run mode supply current vs. core frequency
General
K70 Sub-Family Data Sheet Data Sheet, Rev. 3, 2/2012.
Freescale Semiconductor, Inc.
Preliminary
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com