Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5642A Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
14
Freescale Semiconductor
Introduction
•
Embedded hardware program and erase algorithm
•
Erase suspend, program suspend and erase-suspended program
•
Shadow information stored in non-volatile shadow block
•
Independent program/erase of the shadow block
1.5.9
Static random access memory (SRAM)
The SRAM provides 128 KB of general purpose system SRAM. The first 32 KB block of the SRAM is powered by its own
power supply pin only during standby operation.
The SRAM controller includes these features:
•
128 KB data RAM implemented as eight 16 KB (2048
 78 bits) blocks
•
Each 16 KB block has 2 rows repairable (RAMs with internal repair feature)
•
Supports read/write accesses mapped to the SRAM memory from any master
•
32 KB block powered by separate supply for standby operation
•
Byte, halfword, word and doubleword addressable
•
ECC performs single bit correction, double bit detection
1.5.10
Boot assist module (BAM)
The BAM is a block of read-only memory that is programmed once by Freescale and is identical for all MPC5642A MCUs.
The BAM program is executed every time the MCU is powered on or reset in normal mode. The BAM supports different modes
of booting. They are:
•
Booting from internal flash memory
•
Serial boot loading (boot code is downloaded into RAM via eSCI or the FlexCAN and then executed)
The BAM also reads the reset configuration half word (RCHW) from internal flash memory and configures the MPC5642A
hardware accordingly. The BAM provides the following features:
•
Sets up MMU to cover all resources and mapping of all physical addresses to logical addresses with minimum address
translation
•
Sets up MMU to allow user boot code to execute as either Power Architecture technology code (default) or as Freescale
VLE code
•
Location and detection of user boot code
•
Automatic switch to serial boot mode if internal flash is blank or invalid
•
Supports user programmable 64-bit password protection for serial boot mode
•
Supports serial bootloading via FlexCAN bus and eSCI using Freescale protocol
•
Supports serial bootloading via FlexCAN bus and eSCI with auto baud rate sensing
•
Supports serial bootloading of either Power Architecture technology code (default) or Freescale VLE code
•
Supports booting from calibration bus interface
•
Supports censorship protection for internal flash memory
•
Provides an option to enable the core watchdog timer
•
Provides an option to disable the system watchdog timer
1.5.11
Enhanced modular input/output system (eMIOS)
The eMIOS timer module provides the capability to generate or measure events in hardware.
The eMIOS module features include:
•
Twenty-four 24-bit wide channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com