Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4268GS Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4268GS
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4268GS Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE4268GS Datasheet HTML 3Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 4Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 5Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 6Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 7Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 8Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 9Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 10Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TLE 4268
Semiconductor Group
7
1998-11-01
Note: The reset output is low in range from
VQ = 1 V to VRT.
Reset Generator
Switching threshold
V
RT
4.2
4.5
4.8
V
–
Switching voltage
V
RE
1.28
1.35
1.45
V
–
Saturation voltage
V
R
–
0.2
0.5
V
1 mA extern
Saturation voltage
V
C
–
30
100
mV
V
Q < VRT
Charging current
I
d
512
18
µA
V
C = 1.0 V
Delay switching
threshold
V
DU
1.4
1.8
2.2
V
–
Delay time
t
d
10
15
25
ms
C
d = 100 nF
Delay time
t
t
–2
–
µs
C
d = 100 nF
Pull-up
R
R
18
30
46
k
Ω
with resp. to
V
Q
Lower switching
threshold
V
DRL
0.2
0.4
0.55
V
–
Watchdog
Discharge current
I
Cd
1.5
3.5
5.2
µA
V
C = 1.0 V
Charging current
I
d
512
18
µA
V
C = 1.0 V
Switching voltage
V
Cd
1.6
1.8
2.0
V
–
Lower switching
threshold
V
DWL
0.2
0.4
0.55
V
–
Watchdog periode
T
WP
30
55
75
ms
C
d = 100 nF
Watchdog trigger
time
T
WT
25
40
60
ms
C
d = 100 nF
Activating current
I
Q
2
8
15
mA
Activates watchdog
Slew rate
V
W
5–
–V/
µs from 20 % up to
80 %
V
Q
Characteristics (cont’d)
V
I = 13.5 V; – 40 °C ≤ Tj ≤ 125 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com