Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D152K29Y5PL6.J5. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # D152K29Y5PL6.J5.
Description  D Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D152K29Y5PL6.J5. Datasheet(HTML) 2 Page - Vishay Siliconix

  D152K29Y5PL6.J5. Datasheet HTML 1Page - Vishay Siliconix D152K29Y5PL6.J5. Datasheet HTML 2Page - Vishay Siliconix D152K29Y5PL6.J5. Datasheet HTML 3Page - Vishay Siliconix D152K29Y5PL6.J5. Datasheet HTML 4Page - Vishay Siliconix D152K29Y5PL6.J5. Datasheet HTML 5Page - Vishay Siliconix D152K29Y5PL6.J5. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28513
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
41
D Series
Ceramic Disc Capacitors
Class 1 and 2, 500 VDC, General Purpose
Vishay BCcomponents
Notes
(1) SH = seated height
• Maximum thickness 4.0 mm
• Lead style codes refer to inward kinked leads. Other styles available on request
ORDERING INFORMATION (PREFERED TYPES), CLASS 1, 500 VDC, KINKED
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 1 NP0
10
± 5
5.0
5.0
4.0
D100J20C0GL6.J5.
12
D120J20C0GL6.J5.
15
D150J20C0GL6.J5.
18
6.5
D180J25C0GL6.J5.
22
D220J25C0GL6.J5.
27
D270J25C0GL6.J5.
CLASS 1 SL0
33
± 5
5.0
5.0
4.0
D330J20SL0L6.J5.
39
D390J20SL0L6.J5.
47
D470J20SL0L6.J5.
56
D560J20SL0L6.J5.
68
6.5
D680J25SL0L6.J5.
82
D820J25SL0L6.J5.
ORDERING INFORMATION (PREFERED TYPES), CLASS 2, 500 VDC, KINKED
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 Y5P
100
± 10
5
5
4.0
D101K20Y5PL6.J5.
150
D151K20Y5PL6.J5.
220
D221K20Y5PL6.J5.
330
D331K20Y5PL6.J5.
470
D471K20Y5PL6.J5.
680
6.5
D681K25Y5PL6.J5.
1000
D102K25Y5PL6.J5.
1500
7.5
D152K29Y5PL6.J5.
2200
8.5
D222K33Y5PL6.J5.
3300
10
D332K39Y5PL6.J5.
4700
11
D472K43Y5PL6.J5.
6800
13.5
7.5
D682K53Y5PL6.J7
10 000
17.5
D103K69Y5PL6.J7.
CLASS 2 Y5V
1000
+ 80/- 20
5
5
4.0
D102Z20Y5VL6.J5.
1500
D152Z20Y5VL6.J5.
2200
6.5
D222Z25Y5VL6.J5.
3300
D322Z25Y5VL6.J5.
4700
7.5
D472Z29Y5VL6.J5.
6800
8.5
D682Z33Y5VL6.J5.
10 000
10.0
D103Z39Y5VL6.J5.
15 000
11.0
D153Z43Y5VL6.J5.
22 000
13.5
7.5
D223Z53Y5VL6.J7.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com