Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP486 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP486
Description  Quad RS-485/RS-422 Line Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP486 Datasheet(HTML) 2 Page - Sipex Corporation

  SP486 Datasheet HTML 1Page - Sipex Corporation SP486 Datasheet HTML 2Page - Sipex Corporation SP486 Datasheet HTML 3Page - Sipex Corporation SP486 Datasheet HTML 4Page - Sipex Corporation SP486 Datasheet HTML 5Page - Sipex Corporation SP486 Datasheet HTML 6Page - Sipex Corporation SP486 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SP486/487
Quad RS-485/RS-422 Line Drivers
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device
at these or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
CC ............................................................................................ +7V
Input Voltages
Logic ............................................................. –0.5V to (V
CC +0.5V)
Drivers .......................................................... –0.5V to (V
CC +0.5V)
Driver Output Voltage .............................................................
±14V
Input Currents
Logic ..................................................................................
±25mA
Driver .................................................................................
±25mA
Storage Temperature ............................................ –65
°C to +150°C
Power Dissipation
Plastic DIP ........................................................................ 375mW
(derate 7mW/
°C above +70°C)
Small Outline .................................................................... 375mW
(derate 7mW/
°C above +70°C)
Lead Temperature (soldering, 10 sec) ................................... 300
°C
SPECIFICATIONS
V
CC = 5V±5%; typicals at 25°C; TMIN ≤ TA ≤ TMAX unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
DC CHARACTERISTICS
Digital Inputs
DI, EN, EN, EN
1/EN2, EN3/EN4
Voltage
V
IL
0.8
Volts
V
IH
2.0
Volts
Input Current
±2
µAVIN = 0V to VCC
DRIVER OUTPUTS
Differential Voltage
5
Volts
I
O = 0; unloaded
2
Volts
R
L = 50Ω(RS-422)
1.5
2
5
Volts
R
L = 27(RS-485); Fig. 1
Change in Output Magnitude
0.2
Volts
R
L = 27or 50; Fig. 1
for Complementary Output State
Common Mode Output Voltage
2.3
3
Volts
R
L = 27or 50; Fig. 1
Change in Common Mode Output Magnitude
0.2
Volts
R
L = 27or 50; Fig. 1
for Complementary Output State
R
L = 50Ω (RS-422)
R
L = 27Ω (RS-485)
Maximum Data Rate
10
Mbps
Short–circuit Current
V
OH
±250
mA
–7V
≤V
O ≤ +10V
V
OL
±250
mA
–7V
≤V
O ≤ +10V
High Impedance Output Current
±2
±200
µAV
O = –7V to +10V
POWER REQUIREMENTS
Supply Voltage
4.75
5.00
5.25
Volts
Supply Current
0.5
10
µA
No load, output enabled
0.5
10
µA
No load, output disabled
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
–C
0
+70
°C
–E
–40
+85
°C
Storage Temperature
–65
+150
°C
Package
–_S
16–pin Plastic DIP
–_T
16–pin SOIC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com