Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP574BJ Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP574BJ
Description  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP574BJ Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP574BJ Datasheet HTML 4Page - Sipex Corporation SP574BJ Datasheet HTML 5Page - Sipex Corporation SP574BJ Datasheet HTML 6Page - Sipex Corporation SP574BJ Datasheet HTML 7Page - Sipex Corporation SP574BJ Datasheet HTML 8Page - Sipex Corporation SP574BJ Datasheet HTML 9Page - Sipex Corporation SP574BJ Datasheet HTML 10Page - Sipex Corporation SP574BJ Datasheet HTML 11Page - Sipex Corporation SP574BJ Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
8
+9.9927V for the
±10V range. Adjust the gain
potentiometer R
2 for flicker between codes 1111
1110 and 1111 1111 1111.
Alternative
The 100
Ω potentiometer R
2 provides gain adjust
for 10V and 20V ranges. In some applications, a
full scale of 10.24V (for and LSB of 2.5mV) or
20.48 (for an LSB of 5.0mV) is more convenient.
For these, replace R
2 by a 50Ω, 1% metal film
resistor. Then to provide gain adjust for the 10.24
range, add a 200
Ωpotentiometer in series with pin
13. For the 20.48V range, add a 1000
Ωpotentiom-
eter in series with pin 14.
The gain adjustment should be done at positive full
scale. The ideal input corresponding to the last
code change is applied. This is 11⁄
2LSB below the
nominal full scale which is +9.9963V for the 10V
range and +19.9927V for the 20V range. Adjust
the gain potentiometer R
2 for flicker between
codes 1111 1111 1110 and 1111 1111 1111. If
calibration is not necessary for the intended appli-
cation, replace R
2 with a 50Ω, 1% metal film
resistor and remove the network analog input to
pin 13 for the 0V to 10V range or to pin 14 for the
0V to 20V range.
Bipolar
The gain and offset errors listed in the specifica-
tions may be adjusted to zero using the potentiom-
eters R
1 and R2 (See Figure 3). If adjustment is not
needed, either or both pots may be replaced by a
50
Ω, 1% metal film resistor.
To calibrate, connect the analog input signal to pin
13 for a
±5V range or to pin 14 for a ±10V range.
First apply a DC input voltage 1⁄
2 LSB above
negative full scale which is –4.9988V for the
±5V
range or –9.9976V for the
±10V range. Adjust the
offset potentiometer R
1 for flicker between output
codes 0000 0000 0000 and 0000 0000 0001. Next,
apply a DC input voltage 11⁄
2 LSB below positive
full scale which is +4.9963V for the
±5 range or
CONTROLLING THE SPx74B
The SPx74B can be operated by most micropro-
cessor systems due to the control input pins and
on–chip logic. It may also be operated in the
“stand–alone” mode and enabled by the R/C
input pin. Full microprocessor control consists
of selecting an 8– or 12–bit conversion cycle,
initiating the conversion, and reading the output
data when ready. The output read has the options
of choosing either 12–bits at once or 8–bits fol-
lowed by 4–bits in a left–justified format. All five
control inputs are TTL/CMOS compatible and
include 12/8, CS, A
0, R/C and CE. The use of these
inputs in controlling the converter’s operation is
Figure 3. Bipolar Input Connections
2
28
STS
12/8
CS
A0
R/C
CE
THREE–STATE BUFFERS AND CONTROL
NIBBLE A
NIBBLE B
NIBBLE C
27
26
25
24
23
22
21 20
19 18
17 16
OUTPUT BITS
MSB
LSB
3
4
5
6
CONTROL
LOGIC
OSCILLATOR
12–BITS
12–BITS
SAMPLE/HOLD
CDAC
LSB
MSB
OFFSET/GAIN
TRIM NETWORK
REF
REF
AMP
8
10
VREF
OUT
VREF
IN
100
Ω
R1
10V
IN
20V
IN
BIP
OFF
13
14
12
ANALOG
INPUTS
12–BIT SAR
COMP
STROBE
100
Ω
R2
±5V
±10V
DGND
1
15
VLOGIC
+5V
711
VCC
VEE
9
AGND
+15V
N.C.
10µF
0.1µF
10µF
0.1µF
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com