Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6A2G Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 6A2G
Description  GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

6A2G Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  6A2G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 6A2G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
6.0A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
6A05G-6A10G
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
℃/10 seconds/.375”,(9.5mm) lead lengths
at 5 lbs.,(2.3kg) tension
Weight: 1.65 grams
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 6.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note1)
CJ
p F
Typical thermal resistance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
100
70
35
50
100.0
400.0
IFSM
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55 ---- + 175
- 55 ---- + 175
IR
120
10
A
10.0
IF(AV)
6.0
1.0
2. Thermal resistance f rom junction to ambient.
A
A
6A05G
6A1G
6A2G
6A4G
6A6G
6A8G
6A10G
50
100


Similar Part No. - 6A2G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
6A2G JGD-6A2G Datasheet
137Kb / 2P
6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Dc Components
6A2G DCCOM-6A2G Datasheet
469Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
6A2G GOOD-ARK-6A2G Datasheet
164Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Galaxy Semi-Conductor H...
6A2G BILIN-6A2G Datasheet
59Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
Chongqing Pingwei Enter...
6A2G CHONGQING-6A2G Datasheet
41Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - 6A2G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
NS8AT EIC-NS8AT Datasheet
52Kb / 2P
Glass Passivated General Purpose
logo
Fairchild Semiconductor
GF1A FAIRCHILD-GF1A_01 Datasheet
49Kb / 3P
General Purpose Rectifiers (Glass Passivated)
logo
Shenzhen Taychipst Elec...
1N4001G TAYCHIPST-1N4001G Datasheet
1Mb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
BY251G TAYCHIPST-BY251G Datasheet
1Mb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
RL201G TAYCHIPST-RL201G Datasheet
1Mb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S2A FAIRCHILD-S2A_11 Datasheet
121Kb / 3P
General Purpose Rectifiers (Glass Passivated)
logo
Central Semiconductor C...
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Gaomi Xinghe Electronic...
1N4001G GXELECTRONICS-1N4001G Datasheet
419Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
logo
Microdiode Semiconducto...
1N4001SG CHENDA-1N4001SG_V01 Datasheet
615Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
ON Semiconductor
S2A ONSEMI-S2A Datasheet
251Kb / 5P
General-Purpose Rectifiers (Glass Passivated)
April, 2020 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com