Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BY396 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BY396
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BY396 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BY396 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BY396 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DO-201AD
100V-800V
FAST RECOVERY RECTIFIERS
3.0A
BY396 THRU BY399
FEATURES
MECHANICAL DATA
l
High surge current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Void-free molded plastic package
l
3.0 Ampere operation
at TA=55 ¢J with no thermal runaway
l
Fast switching for high efficiency
l
Exceeds environmental standards of MIL-S-19500/228
Case: JEDEC DO-201AD molded plastic
Terminals: Plated Axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color Band denotes end
Mounting Position: Any
Weight: .04 ounce, 1.1gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Resistive or inductive load.
SYMBOLS
BY396
BY397
BY398
BY399
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
800
Volts
Maximum RMS Voltage
VRMS
70
140
280
560
Volts
Maximum DC Blocking Voltage
VDC
100
200
400
800
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) lead lengths at TA=50 ¢J
1(AV)
3.0
Amps
Peak Forward Surge Current 10ms single half sine-
wave superimposed on rated load at TA=25 ¢J
1FSM
100.0
Amps
Maximum Repetitive Peak Forward Surge (Note 1)
1FRM
10.0
Amps
Maximum Instantaneous Forward Voltage at 3.0A
VF
1.30
Volts
Maximum DC Reverse Current TA=25 ¢J
At Rated DC Blocking Voltage TA=100 ¢J
IR
10.0
500
£g A
Maximum Reverse Recovery Time (Note 3) TJ=25 ¢J
TRR
150
ns
Typical Junction Capacitance (Note 2)
CJ
60
pf
Typical Thermal Resistance (Note 4)
R £KJA
22.0
¢J /W
Operating Temperature Range
TJ
-50 to +125
¢J
Storage Temperature Range
TSTG
-50 to +150
¢J
N O T E S :
1 .
R e p e titiv e P e a k F o rw a rd S u rg e C u rr e n t a t f< 1 5 H K z .
2 .
M e a s u re d a t 1 M H z . A n d a p p lie d re v e rs e v o lta g e o f 4 .0 v o lts .
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2


Similar Part No. - BY396

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY396 PANJIT-BY396 Datasheet
60Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
BY396 JGD-BY396 Datasheet
143Kb / 2P
3.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Semtech Corporation
BY396 SEMTECH-BY396 Datasheet
72Kb / 2P
FAST SILICON RECTIFIERS???
logo
Bytes
BY396 BYTES-BY396 Datasheet
46Kb / 1P
3.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BY396

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com