Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FR201G Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # FR201G
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

FR201G Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  FR201G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd FR201G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
GLASS PASSIVATED FAST RECOVERY RECTIFIERS
2.0A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
FR201G-FR207G
FEATURES
* High reliability
* Low leakage
* Low forward voltage drop
* High current capability
* Glass passivated junction
* High switching capability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
70
5.0
100
40
-65
+150
V
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.3
250
500
150
Operating and Storage Temperature Range T , T
J
STG
C
FR201G FR202G FR203G FR204G FR205G FR206G FR207G
UNITS


Similar Part No. - FR201G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR201G RECTRON-FR201G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR201G JGD-FR201G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR201G BYTES-FR201G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR201G CHENYI-FR201G Datasheet
125Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR201G DCCOM-FR201G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR201G

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
FR101G CHENDA-FR101G Datasheet
533Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR101G HY-FR101G_17 Datasheet
136Kb / 3P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BA157G SHUNYE-BA157G_17 Datasheet
1,014Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR151G SHUNYE-FR151G_17 Datasheet
1Mb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
1N4933G CHENDA-1N4933G_V01 Datasheet
643Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BY296G CHENDA-BY296G_V01 Datasheet
543Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com