Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FR601 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # FR601
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

FR601 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  FR601 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd FR601 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
FAST RECOVERY RECTIFIERS
6.0A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
FR601 THRU FR607
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
!
High Reliability
!
High Surge Current Capability
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 2.1 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Epoxy: UL 94V-O rate flame retardant
Mechanical Data
High Current Capability
Case: Molded Plastic
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
FR601
FR602
FR603
FR604
FR605
FR606
FR607
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
200
A
Forward Voltage
@IF = 6.0A
VFM
1.2
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
200
µA
Reverse Recovery Time (Note 2)
trr
150
250
500
nS
Typical Junction Capacitance (Note 3)
Cj
100
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.


Similar Part No. - FR601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR601 RECTRON-FR601 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Jinan Gude Electronic D...
FR601 JGD-FR601 Datasheet
144Kb / 2P
6.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Bytes
FR601 BYTES-FR601 Datasheet
152Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR601 DCCOM-FR601 Datasheet
414Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR601

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com