Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCIMX50 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCIMX50
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX50 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCIMX50 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCIMX50 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCIMX50 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCIMX50 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCIMX50 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCIMX50 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCIMX50 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCIMX50 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCIMX50 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
21
4.1
Chip-Level Conditions
This section provides the chip-level electrical characteristics for the IC. See Table 6 for a quick reference
to the individual tables and sections.
4.1.1
Absolute Maximum Ratings
CAUTION
Stresses beyond those listed under Table 7 may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device
at these or any other conditions beyond those indicated in Table 11 is not
implied. Exposure to absolute-maximum-rated conditions for extended
periods may affect device reliability.
Table 6. i.MX50 Chip-Level Conditions
For these characteristics, see
Topic appears …
Absolute Maximum Ratings
on page 21
13 x 13 mm MAPBGA Package Thermal Resistance Data
on page 22
13 x 13 mm PoPBGA Package Thermal Resistance Data
on page 23
17 x 17 mm MAPBGA Package Thermal Resistance Data
on page 23
Operating Ranges
on page 24
Operating Frequencies
on page 26
Supply Current
on page 26
Table 7. Absolute Maximum Ratings
Parameter Description
Symbol
Min
Max
Unit
Peripheral core supply voltage
VCC
–0.3
1.5
V
ARM core supply voltage
VDDGP
–0.3
1.35
V
Bandgap and 480 MHz PLL supply
VDD3P0
–0.5
3.6
V
PLL digital supplies
VDD1P2
–0.3
1.35
V
PLL analog supplies
VDD1P8
–0.3
2.25
V
Efuse, 24 MHz oscillator, 32 kHz oscillator mux
supply
VDD2P5
–0.5
2.85
V
Memory array supply
VDDA/VDDAL1
–0.5
1.35
V
Supply voltage (HVIO)
Supplies denoted as I/O supply
–0.5
3.6
V
Supply voltage (GPIO, LVIO)
Supplies denoted as I/O supply
–0.5
3.3
V
Input/output voltage range
Vin/Vout
–0.5
OVDD + 0.31
V
USB VBUS
VBUS
V
DC
Transient (t<30ms, duty cycle < 0.05%)
—
—
6.00
7.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com