Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCIMX503CVM8B Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 41Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 42Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 43Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 44Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 45Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 46Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 47Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 48Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
45
4.5.7
DDR2 I/O AC Parameters
Table 32 shows the AC parameters for DDR2 I/O.
Table 32. DDR2 I/O AC Parameters
Parameter
Symbol
Min
Max
Unit
AC input logic high
Vih(ac)
Vref+0.25
-
V
AC input logic low
Vil(ac)
-
Vref-0.25
AC differential input voltage1
1Vid(ac) specifies the input differential voltage |Vtr-Vcp| required for switching, where Vtr is the
“true” input signal and Vcp is the “complementary” input signal. The Minimum value is equal to
Vih(ac)-Vil(ac)
Vid(ac)
0.5
ovdd
AC Input differential cross point voltage2
2The typical value of Vix(ac) is expected to be about 0.5*OVDD. and Vix(ac) is expected to track
variation of OVDD. Vix(ac) indicates the voltage at which differential input signal must cross.
Vix(ac)
0.5*ovdd
-0.175
0.5*ovdd +
0.175
AC output differential cross point voltage 3
3The typical value of Vox(ac) is expected to be about 0.5*OVDD and Vox(ac) is expected to track
variation in OVDD. Vox(ac) indicates the voltage at which differential output signal must cross.
Vox(ac)
0.5*ovdd
-0.125
0.5*ovdd+
0.125
Output propagation delay high to low
tPOHLD
3.5
ns
Output propagation delay low to high
tPOLHD
3.5
Input propagation delay high to low
tPIHLD
1.5
Input propagation delay low to high
tPILHD
1.5
Single output slew rate
tsr
0.4
2
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com