Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5554AVR132 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC5554AVR132
Description  Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554AVR132 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC5554AVR132 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
5
3.2
Thermal Characteristics
The shaded rows in the following table indicate information specific to a four-layer board.
28
Maximum solder temperature 11
Lead free (Pb-free)
Leaded (SnPb)
TSDR
—
—
260.0
245.0
oC
29
Moisture sensitivity level 12
MSL
—
3
1 Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings only,
and functional operation at the maxima is not guaranteed. Stress beyond any of the listed maxima can affect device reliability
or cause permanent damage to the device.
2 1.5 V ± 10% for proper operation. This parameter is specified at a maximum junction temperature of 150 oC.
3 All functional non-supply I/O pins are clamped to V
SS and VDDE, or VDDEH.
4 AC signal overshoot and undershoot of up to ± 2.0 V of the input voltages is permitted for an accumulative duration of
60 hours over the complete lifetime of the device (injection current not limited for this duration).
5 Internal structures hold the voltage greater than –1.0 V if the injection current limit of 2 mA is met. Keep the negative DC
voltage greater than –0.6 V on eTPUB[15] and SINB during the internal power-on reset (POR) state.
6 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V
DDEH supplies, if the
maximum injection current specification is met (2 mA for all pins) and VDDEH is within the operating voltage specifications.
7 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V
DDE supplies, if the maximum
injection current specification is met (2 mA for all pins) and VDDE is within the operating voltage specifications.
8 Total injection current for all pins (including both digital and analog) must not exceed 25 mA.
9 Total injection current for all analog input pins must not exceed 15 mA.
10 Lifetime operation at these specification limits is not guaranteed.
11 Moisture sensitivity profile per IPC/JEDEC J-STD-020D.
12 Moisture sensitivity per JEDEC test method A112.
Table 3. MPC5554 Thermal Characteristics
Spec
MPC5554 Thermal Characteristic
Symbol
416 PBGA
Unit
1
Junction to ambient 1, 2, natural convection (one-layer board)
1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
RJA
24
°C/W
2
Junction to ambient 1, 3, natural convection (four-layer board 2s2p)
3 Per JEDEC JESD51-6 with the board horizontal.
RJA
18
°C/W
3
Junction to ambient 1, 3 (@200 ft./min., one-layer board)
RJMA
19
°C/W
4
Junction to ambient 1, 3 (@200 ft./min., four-layer board 2s2p)
RJMA
15
°C/W
5
Junction to board 4 (four-layer board 2s2p)
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
RJB
9
°C/W
6
Junction to case 5
5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method
(MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature.
RJC
5°C/W
7
Junction to package top 6, natural convection
6 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2.
JT
2°C/W
Table 2. Absolute Maximum Ratings 1 (continued)
Spec
Characteristic
Symbol
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com