Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S8024RN-ILR/F Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # 73S8024RN-ILR/F
Description  Low-Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024RN-ILR/F Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button 73S8024RN-ILR/F Datasheet HTML 2Page - Maxim Integrated Products 73S8024RN-ILR/F Datasheet HTML 3Page - Maxim Integrated Products 73S8024RN-ILR/F Datasheet HTML 4Page - Maxim Integrated Products 73S8024RN-ILR/F Datasheet HTML 5Page - Maxim Integrated Products 73S8024RN-ILR/F Datasheet HTML 6Page - Maxim Integrated Products 73S8024RN-ILR/F Datasheet HTML 7Page - Maxim Integrated Products 73S8024RN-ILR/F Datasheet HTML 8Page - Maxim Integrated Products 73S8024RN-ILR/F Datasheet HTML 9Page - Maxim Integrated Products 73S8024RN-ILR/F Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
73S8024RN Data Sheet
DS_8024RN_020
6
Rev. 2
MICROCONTROLLER INTERFACE
Name
Pin
28SO
Pin
20QFN
Pin
32QFN
Description
CMDVCC
19
10
18
Command VCC (negative assertion): Logic low on this pin
causes the LDO regulator to ramp the VCC supply to the
card and initiates a card activation sequence, if a card is
present.
5V/#V
3
20
31
5 volt / 3 volt card selection: Logic one selects 5 volts for
VCC and card interface, logic low selects 3 volt operation.
When the part is to be used with a single card voltage,
this pin should be tied to either GND or VDD. However, it
includes a high impedance pull-up resistor to default this
pin high (selection of 5V card) when not connected.
CLKSTOP
7
–
4
Stops the card clock signal during a card session when
set high (card clock STOP mode). Internal pull-down
resistor allows this pin to be left as an open circuit if the
clock STOP mode is not used.
CLKLVL
8
–
5
Sets the logic level of the card clock STOP mode when
the clock is de-activated by setting pin 7 high. Logic low
selects card STOP low. Logic high selects card STOP
high. Internal pull-down resistor allows this pin to be left
as an open circuit if the clock STOP mode is not used.
CLKDIV1
CLKDIV2
1
2
18
19
29
30
Sets the divide ratio from the XTAL oscillator (or external
clock input) to the card clock. These pins include
pull-down resistors.
CLKDIV1
CLKDIV2
CLOCK RATE
0
0
XTALIN/8
0
1
XTALIN/4
1
1
XTALIN/2
1
0
XTALIN
OFF
23
14
22
Interrupt signal to the processor. Active Low - Multi-
function indicating fault conditions and card presence.
Open drain output configuration. It includes an internal
21kΩ pull-up to VDD.
RSTIN
20
11
19
Reset Input: This signal is the reset command to the card.
I/OUC
26
17
26
System controller data I/O to/from the card. Includes a
pull-up resistor to VDD.
AUX1UC
27
–
27
System controller auxiliary data I/O to/from the card.
Includes a pull-up resistor to VDD.
AUX2UC
28
–
28
System controller auxiliary data I/O to/from the card.
Includes a pull-up resistor to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com