Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S8024RN-IMR/F Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # 73S8024RN-IMR/F
Description  Low-Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024RN-IMR/F Datasheet(HTML) 5 Page - Maxim Integrated Products

  73S8024RN-IMR/F Datasheet HTML 1Page - Maxim Integrated Products 73S8024RN-IMR/F Datasheet HTML 2Page - Maxim Integrated Products 73S8024RN-IMR/F Datasheet HTML 3Page - Maxim Integrated Products 73S8024RN-IMR/F Datasheet HTML 4Page - Maxim Integrated Products 73S8024RN-IMR/F Datasheet HTML 5Page - Maxim Integrated Products 73S8024RN-IMR/F Datasheet HTML 6Page - Maxim Integrated Products 73S8024RN-IMR/F Datasheet HTML 7Page - Maxim Integrated Products 73S8024RN-IMR/F Datasheet HTML 8Page - Maxim Integrated Products 73S8024RN-IMR/F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DS_8024RN_020
73S8024RN Data Sheet
Rev. 2
5
1 Pin Description
CARD INTERFACE
Name
Pin
28SO
Pin
20QFN
Pin
32QFN
Description
I/O
11
5
8
Card I/O: Data signal to/from card. Includes a pull-up
resistor to VCC.
AUX1
13
–
11
AUX1: Auxiliary data signal to/from card. Includes a
pull-up resistor to VCC.
AUX2
12
–
10
AUX2: Auxiliary data signal to/from card. Includes a
pull-up resistor to VCC.
RST
16
8
14
Card reset: provides reset (RST) signal to card.
CLK
15
7
13
Card clock: provides clock signal (CLK) to card. The rate
of this clock is determined by the external crystal
frequency or frequency of the external clock signal applied
on XTALIN and CLKDIV selections.
PRES
10
4
7
Card Presence switch: active high indicates card is
present. Should be tied to GND when not used, but it
Includes a high-impedance pull-down current source.
PRES
9
3
6
Card Presence switch: active low indicates card is
present. Should be tied to VDD when not used, but it
Includes a high-impedance pull-up current source.
VCC
17
9
15
Card power supply – logically controlled by sequencer,
output of LDO regulator. Requires an external filter
capacitor to the card GND.
GND
14
6
12
Card ground.
MISCELLANEOUS INPUTS AND OUTPUTS
Name
Pin
28SO
Pin
20QFN
Pin
32QFN
Description
XTALIN
24
15
23
Crystal oscillator input: can either be connected to crystal
or driven as a source for the card clock.
XTALOUT
25
16
24
Crystal oscillator output: connected to crystal. Left open
if XTALIN is being used as external clock input.
VDDF_ADJ
18
–
17
VDD fault threshold adjustment input: this pin can be used
to adjust the VDDF values (that controls deactivation of the
card). Must be left open if unused.
NC
5
–
2, 9,
16, 25,
32
Non-connected pin.
POWER SUPPLY AND GROUND
Name
Pin
28SO
Pin
20QFN
Pin
32QFN
Description
VDD
21
12
20
System interface supply voltage and supply voltage for
internal circuitry.
VPC
6
2
3
LDO regulator power supply source.
GND
4
1
1
LDO Regulator ground.
GND
22
13
21
Digital ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com