| Electronic Components Datasheet Search |
|
73S8024RN-20IMR/F Datasheet(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
73S8024RN-20IMR/F Datasheet(HTML) 13 Page - Maxim Integrated Products |
|
13 / 27 page ![]() DS_8024RN_020 73S8024RN Data Sheet Rev. 2 13 9 OFF and Fault Detection There are two different cases that the system controller can monitor the OFF signal: to query regarding the card presence outside card sessions, or for fault detection during card sessions. Outside a card session: In this condition, CMDVCC is always high, OFF is low if the card is not present, and high if the card is present. Because it is outside a card session, any fault detection will not act upon the OFF signal. No deactivation is required during this time. During a card session: CMDVCC is always low, and OFF falls low if the card is extracted or if any fault detection is detected. At the same time that OFF is set low, the sequencer starts the deactivation process. The Figure 5 shows the timing diagram for the signals CMDVCC, PRES, and OFF during a card session and outside the card session: PRES OFF CMDVCC VCC outside card session within card session OFF is low by card extracted OFF is low by any fault within card session Figure 5: Timing Diagram – Management of the Interrupt Line OFF 10 I/O Circuitry and Timing The states of the I/O, AUX1, and AUX2 pins are low after power on reset and they are in high when the activation sequencer turns on the I/O reception state. See the Activation Sequence section for more details on when the I/O reception is enabled. The states of I/OUC, AUX1UC, and AUX2UC are high after power on reset. Within a card session and when the I/O reception state is turn on, the first I/O line on which a falling edge is detected becomes the input I/O line and the other becomes the output I/O line. When the input I/O line rising edge is detected then both I/O lines return to their neutral state. Figure 6 shows the state diagram of how the I/O and I/OUC lines are managed to become input or output. The delay between the I/O signals is shown in Figure 7. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |