Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX1580 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1580
Description  7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1580 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1580 Datasheet HTML 1Page - Sipex Corporation SPX1580 Datasheet HTML 2Page - Sipex Corporation SPX1580 Datasheet HTML 3Page - Sipex Corporation SPX1580 Datasheet HTML 4Page - Sipex Corporation SPX1580 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Date: 5/14/04
SPX1580 7A Ultra Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
Power Dissipation ..................................... Internally Limited
Lead Temp. (Soldering, 10 Seconds) ......................... 300°C
Storage Temperature Range ..................... -65°C to +150°C
Operating Junction Temperature Range
SPX1580 Control Section ............................. 0°C to +125°C
SPX1580 Power Transistor .......................... 0°C to +150°C
Input Supply Voltage ..................................................... 7V
V
CTRL Input Voltage .................................................... 13.2V
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Electrical characteristics at VOUT = VSENSE, VADJ = 0V, TA = 25ºC, CCTL = CPWR = COUT = 33µF tantalum cap unless otherwise specified.
The
♦ denotes the specifications which apply over the -40°C to 85°C temperature range, unless otherwise specified.
R
E
T
E
M
A
R
A
P
.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
U
S
N
O
I
T
I
D
N
O
C
n
o
i
s
r
e
V
V
5
.
2
e
g
a
t
l
o
V
t
u
p
t
u
O5
4
.
25
.
25
5
.
2
V
♦
V
L
R
T
C
V
,
V
2
1
o
t
V
5
.
4
=
N
I
V
=
T
U
O
I
,
V
8
.
0
+
O
A
7
o
t
A
m
0
1
=
0
4
.
25
.
20
6
.
2
n
o
i
s
r
e
V
V
3
.
3
e
g
a
t
l
o
V
t
u
p
t
u
O4
3
2
.
33
.
36
6
3
.
3
V
♦
V
L
R
T
C
V
,
V
2
1
o
t
V
5
.
4
=
N
I
V
=
T
U
O
I
,
V
8
.
0
+
O
A
7
o
t
A
m
0
1
=
8
6
1
.
33
.
32
3
4
.
3
♦
s
n
o
i
t
p
O
e
g
a
t
l
o
V
l
l
A
)
3
e
t
o
N
(
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
7
3
2
.
15
2
.
13
6
2
.
1
V
V
L
R
T
C
V
,
V
5
.
4
=
N
I
I
,
V
5
0
.
2
=
O =
A
m
0
1
1
3
2
.
1-
9
6
2
.
1
♦
V
L
R
T
C
V
,
V
5
.
4
=
N
I
I
,
V
5
0
.
2
=
O =
A
7
o
t
A
m
0
1
n
o
i
t
a
l
u
g
e
R
e
n
i
L-
0
.
1-
V
m
V
L
R
T
C
V
,
V
2
1
o
t
V
5
.
4
=
N
I
V
=
T
U
O
+
I
,
V
5
.
5
o
t
V
8
.
0
O
A
m
0
1
=
--
0
.
3
♦
)
1
e
t
o
N
(
n
o
i
t
a
l
u
g
e
R
d
a
o
L-
1
.
1-
V
m
V
L
R
T
C
V
,
V
2
1
o
t
V
5
.
4
=
N
I
V
=
T
U
O
+
I
,
V
8
.
0
O
A
m
0
1
=
--
0
.
5
♦
m
u
m
i
n
i
M
e
g
a
t
l
o
V
t
u
o
p
o
r
D
)
T
U
O
V
-
N
I
V
(
)
2
e
t
o
N
(
N
I
V
4
5
.
00
8
.
0V
V
L
R
T
C
I
,
V
5
7
.
4
=
O
A
7
=
t
i
m
i
L
t
n
e
r
r
u
C
1
.
7-
-
A
V
L
R
T
C
V
,
V
5
.
4
=
N
I
,
V
5
0
.
2
=
V
T
U
O
V
m
0
0
1
=
t
n
e
r
r
u
C
d
a
o
L
m
u
m
i
n
i
M-
5
-
A
m
V
L
R
T
C
V
,
V
5
=
N
I
V
=
T
U
O
V
8
.
0
+
--
0
1
♦
n
o
i
t
a
l
u
g
e
R
l
a
m
r
e
h
T-
2
0
0
.
02
0
.
0W
/
%e
s
l
u
P
S
m
0
3
n
o
i
t
c
e
j
e
R
e
l
p
p
i
R0
60
8-
B
dV
L
R
T
C
V
,
V
5
=
N
I
I
,
V
5
=
O
A
7
=
t
n
e
r
r
u
C
n
i
P
l
o
r
t
n
o
C-
0
6-
A
m
V
L
R
T
C
V
,
V
5
.
4
=
N
I
V
=
T
U
O
I
,
V
8
.
0
+
O
A
7
=
--
0
3
1
♦
t
n
e
r
r
u
C
n
i
P
e
l
b
a
t
s
u
j
d
A-
0
5-
A
µ
V
L
R
T
C
V
,
V
5
.
4
=
N
I
I
,
V
5
0
.
2
=
O =
A
m
0
1
0
2
1
♦
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
3
6
2
-
O
T
&
0
2
2
-
O
T
-2
-
W
/
C
º
Ø
(
e
s
a
C
o
t
n
o
i
t
c
n
u
J
C
J )
-0
6-
Ø
(
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
C
J )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com