Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX2945S Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2945S
Description  500mA Low Drop Out Voltage Regulator with Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2945S Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2945S Datasheet HTML 1Page - Sipex Corporation SPX2945S Datasheet HTML 2Page - Sipex Corporation SPX2945S Datasheet HTML 3Page - Sipex Corporation SPX2945S Datasheet HTML 4Page - Sipex Corporation SPX2945S Datasheet HTML 5Page - Sipex Corporation SPX2945S Datasheet HTML 6Page - Sipex Corporation SPX2945S Datasheet HTML 7Page - Sipex Corporation SPX2945S Datasheet HTML 8Page - Sipex Corporation SPX2945S Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Rev. B Date:01/20/04
SPX2945 400mA Low Dropout Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
SPX2945
DESCRIPTION
FEATURES
■ Output 3.3V, 5.0V at 400mA Output
■ Very Low Quiescent Current, 100µA
■ Low Dropout Voltage, 420mV at 400mA
■ Extremely Tight Load and Line Regulation
■ Very Low Temperature Coefficient
■ Current & Thermal Limiting
■ Error Flag Warns Of Output Dropout
■ Logic-Controlled Electronic Shutdown
■ Output Programmable From 1.24V to 20V
(for SO-8)
®
The SPX2945 is a low power voltage regulator. This device is an excellent choice for use in battery-powered
applications such as cordless telephones, radio control systems, and portable computers. The SPX2945
features very low quiescent current (100µA Typ.) and very low dropout voltage. This includes a tight initial
tolerance of 1% max and very low output temperature coefficient, making the SPX2945 useful as a low-
power voltage reference.
The error flag output feature is used as power-on reset for warning of a low output voltage, due to a falling
voltage input of batteries. Another feature is the logic-compatible shutdown input which enables the
regulator to be switched on and off. The SPX2945 is offered in 3-pin TO-220 package, SO-8 (same pin
out as SPX2951), SOT-223, surface mount 3-Pin TO-252, 3-Pin TO-263 packages and 5-Pin TO-263.
The regulator output voltage (of the 8-pin SO-8) may be pin-strapped for a 3.3V and 5.0V or programmed
from 1.24V to 20V with an external pair of resistors. Look for SPX2951 for 150mA and SPX2954 for 250mA
applications.
400mA Low Dropout Voltage Regulator with Shutdown
TO-220-3 (U)
123
V
IN
V
OU
GN
SPX2945
13
25
4
SPX2945
5 Pin TO-263
13
2
SOT-223 (M3)
V
IN
GN
V
OU
SPX2945
2
1
3
4
8
7
6
5
8-Pin Surface Mount
V
OU
SENS
SHUTDOWN
GN
V
IN
FEEDBACK
5V/ 3.3V TAP
ERRO
SPX2945
TO-252 (R)
1
23
V
IN
V
OU
GN
SPX2945
TO-263-5
V
IN
TO-263-3 (T)
V
OU
GN
SPX2945
3
2
1
(S)
(T5)
100K
ERROR
______
SD
V
OUT
GND
FB
+V
IN
0.01µF
3
8
1
4
7
SHUTDOWN
INPUT
SPX2945
OFF
ON
+V
IN
5
10µF
V
REF
R
2
R
1
+
ERROR
OUTPUT
1.2V to 20V
+
2.2 µF
+
SPX2945
V
IN
5V
IN
GND
OUT
0.1 µF
Adjustable Regulator
5V Regulator Circuit


Similar Part No. - SPX2945S

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945S-3-3 SIPEX-SPX2945S-3-3 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2945S-3-3TR SIPEX-SPX2945S-3-3TR Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2945S-3.3 SIPEX-SPX2945S-3.3 Datasheet
101Kb / 11P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2945S-5-0 SIPEX-SPX2945S-5-0 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2945S-5-0TR SIPEX-SPX2945S-5-0TR Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
More results

Similar Description - SPX2945S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
STMicroelectronics
L4995 STMICROELECTRONICS-L4995 Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
17-Oct-2012
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
L4995AKTR STMICROELECTRONICS-L4995AKTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com