Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C024AV-25AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C024AV-25AXC
Description  3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024AV-25AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C024AV-25AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C024AV-25AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C024AV-25AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C024AV-25AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C024AV-25AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C024AV-25AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C024AV-25AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C024AV-25AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C024AV-25AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CY7C008V/009V
CY7C018V/019V
3.3 V 64 K/128 K × 8/9
Dual-Port Static RAM
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-06044 Rev. *E
Revised November 9, 2010
3.3 V 64 K/128 K × 8/9 Dual-Port Static RAM
Features
■ True dual-ported memory cells which allow simultaneous
access of the same memory location
■ 64 K × 8 organization (CY7C008)
■ 128 K × 8 organization (CY7C009)
■ 64 K × 9 organization (CY7C018)
■ 128 K × 9 organization (CY7C019)
■ 0.35-micron CMOS for optimum speed/power
■ High-speed access: 15/20/25 ns
■ Low operating power
❐ Active: ICC = 115 mA (typical)
❐ Standby: ISB3 = 10 A (typical)
■ Fully asynchronous operation
■ Automatic power-down
■ Expandable data bus to 16/18 bits or more using
Master/Slave chip select when using more than one device
■ On-chip arbitration logic
■ Semaphores included to permit software handshaking
between ports
■ INT flag for port-to-port communication
■ Dual chip enables
■ Pin select for Master or Slave
■ Commercial and industrial temperature ranges
■ Available in 100-pin TQFP
■ Pb-free packages available
I/O
Control
Address
Decode
A0L–A15/16L
CEL
OEL
R/WL
BUSYL
I/O
Control
Interrupt
Semaphore
Arbitration
SEML
INTL
M/S
Logic Block Diagram
A0L–A15/16L
True Dual-Ported
RAM Array
A0R–A15/16R
CER
OER
R/WR
BUSYR
SEMR
INTR
Address
Decode
A0R–A15/16R
[1]
[1]
[2]
[2]
[3]
[3]
[2]
[2]
R/WL
CE0L
CE1L
OEL
I/O0L–I/O7/8L
CEL
R/WR
CE0R
CE1R
OER
I/O0R–I/O7/8R
CER
16/17
8/9
16/17
8/9
16/17
16/17
Notes
1. I/O0–I/O7 for ×8 devices; I/O0–I/O8 for ×9 devices.
2. A0–A15 for 64 K devices; A0–A16 for 128 K.
3. BUSY is an output in master mode and an input in slave mode.
CY7C008V CY7C018V CY7C009V CY7C019V 3.3 V 64 K/128 K × 8/9
Dual-Port Static RAM
[+] Feedback


Similar Part No. - CY7C024AV-25AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV-25AXC CYPRESS-CY7C024AV-25AXC Datasheet
247Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV-25AXC CYPRESS-CY7C024AV-25AXC Datasheet
475Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV-25AXC CYPRESS-CY7C024AV-25AXC Datasheet
590Kb / 20P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
More results

Similar Description - CY7C024AV-25AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
16 K 횞 8 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com