Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL4034BD Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # SL4034BD
Description  8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4034BD Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL4034BD Datasheet HTML 1Page - System Logic Semiconductor SL4034BD Datasheet HTML 2Page - System Logic Semiconductor SL4034BD Datasheet HTML 3Page - System Logic Semiconductor SL4034BD Datasheet HTML 4Page - System Logic Semiconductor SL4034BD Datasheet HTML 5Page - System Logic Semiconductor SL4034BD Datasheet HTML 6Page - System Logic Semiconductor SL4034BD Datasheet HTML 7Page - System Logic Semiconductor SL4034BD Datasheet HTML 8Page - System Logic Semiconductor SL4034BD Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SL4034B
System Logic
Semiconductor
SLS
TRUTH TABLE FOR REGISTER INPUT-LEVELS AND RESULTING REGISTER
OPERATION
“A”
Enable
P/S
A/B
A/S
Operation
*
L
L
L
X
Serial Mode; Synch. Serial Data Input, “A” Parallel Data Outputs Disabled
L
L
H
X
Serial Mode, Synch. Serial Data Input, “B” Parallel Data Output
L
H
L
L
Parallel Mode; “B” Synch. Parallel Data Inputs, “A” Parallel Data Outputs
Disabled
L
H
L
H
Parallel Mode; “B” Asynch. Parallel Data Inputs, “A” Parallel Data Outputs
Disabled
L
H
H
L
Parallel Mode; “A” Parallel Data Inputs Disabled, “B” Parallel Data Outputs,
Synch. Data Recirculation
L
H
H
H
Parallel Mode; “A” Parallel Data Inputs Disabled, “B” Parallel Data Outputs,
Asynch. Data Recirculation
H
L
L
X
Serial Mode; Synch. Serial Data Input, “A” Parallel Data Output
H
L
H
X
Serial Mode; Synch. Serial Data Input, “B” Parallel Data Output
H
H
L
L
Parallel Mode; “B” Synch. Parallel Data Input, “A” Parallel Data Output
H
H
L
H
Parallel Mode; “B” Asynch. Parallel Data Input, “A” Parallel Data Output
H
H
H
L
Parallel Mode; “A” Synch. Parallel Data Input, “B” Parallel Data Output
H
H
H
H
Parallel Mode; “A” Asynch. Parallel Data Input, “B” Parallel Data Output
* Outputs change at positive transition of clock in the serial mode and when the A/S control input is “low”
in the parallel mode. During transfer from parallel to serial operation A/S should remain low in oder to prevent DS
transfer into Flip Flops.
X = Don’t Care
PARALLEL OPERATION
A high P/S input signal allows data transfer into the register via the parallel data lines synchronously with
the positive transition of the clock provided the A/S input is low. If the A/S input is high the transfer is
independent of the clock. The direction of data flow is controlled by the A/B input. When this signal is high the
A data lines are inputs (and B data lines are outputs); a low A/B signal reverses the directio n of data flow.
The AE input is an additional feature which allows many registers to feed data to a common bus. The A
DATA lines are enabled only when this signal is high.
Data storage through recirculation of data in each register stage is accomplished by making the A/B signal
high and the AE signal low.
SERIAL OPERATION
A low P/S signal allows serial data to transfer into the register synchronously with the positive transition of
the clock. The A/S input is internally disabled when the register is in the serial mode (asynchronous serial
operation is not allowed).
The serial data appears as output data on either the B lines (when A/B is high) or the A lines (when A/B is
low and the AE signal is high).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com