Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C1386D Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C1386D
Description  18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1386D Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C1386D_12 Datasheet HTML 17Page - Cypress Semiconductor CY7C1386D_12 Datasheet HTML 18Page - Cypress Semiconductor CY7C1386D_12 Datasheet HTML 19Page - Cypress Semiconductor CY7C1386D_12 Datasheet HTML 20Page - Cypress Semiconductor CY7C1386D_12 Datasheet HTML 21Page - Cypress Semiconductor CY7C1386D_12 Datasheet HTML 22Page - Cypress Semiconductor CY7C1386D_12 Datasheet HTML 23Page - Cypress Semiconductor CY7C1386D_12 Datasheet HTML 24Page - Cypress Semiconductor CY7C1386D_12 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
CY7C1386D
CY7C1387D
Document Number: 38-05545 Rev. *J
Page 21 of 34
IDD
VDD operating supply current
VDD = Max.,
IOUT = 0 mA,
f = fMAX = 1/tCYC
5 ns cycle, 200 MHz
–
300
mA
6 ns cycle, 167 MHz
–
275
mA
ISB1
Automatic CE power-down
current – TTL inputs
VDD = Max,
device deselected,
VIN  VIH or VIN  VIL
f = fMAX = 1/tCYC
5 ns cycle, 200 MHz
–
150
mA
6 ns cycle, 167 MHz
–
140
mA
ISB2
Automatic CE power-down
current – CMOS inputs
VDD = Max,
device deselected,
VIN  0.3 V or
VIN > VDDQ – 0.3 V,
f = 0
All speeds
–
70
mA
ISB3
Automatic CE power-down
current – CMOS inputs
VDD = Max,
device deselected, or
VIN  0.3 V or
VIN > VDDQ – 0.3 V
f = fMAX = 1/tCYC
5 ns cycle, 200 MHz
–
130
mA
6 ns cycle, 167 MHz
–
125
mA
ISB4
Automatic CE power-down
current – TTL inputs
VDD = Max,
device deselected,
VIN  VIH or VIN  VIL,
f = 0
All speeds
–
80
mA
Capacitance
Parameter[16]
Description
Test Conditions
100-pin TQFP
Max
165-ball FBGA
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz,
VDD = 3.3 V, VDDQ = 2.5 V
5
9
pF
CCLK
Clock input capacitance
5
9
pF
CIO
I/O capacitance
5
9
pF
Electrical Characteristics (continued)
Over the Operating Range
Parameter [14, 15]
Description
Test Conditions
Min
Max
Unit
Thermal Resistance
Parameter[16]
Description
Test Conditions
100-pin TQFP
Package
165-ball FBGA
Package
Unit
JA
Thermal resistance
(junction to ambient)
Test conditions follow standard test methods
and
procedures
for
measuring
thermal
impedance, in accordance with EIA/JESD51.
28.66
20.7
°C/W
JC
Thermal resistance
(junction to case)
4.08
4.0
°C/W
Note
16. Tested initially and after any design or process change that may affect these parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com