Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY29948AXCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29948AXCT
Description  2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29948AXCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29948AXCT Datasheet HTML 1Page - Cypress Semiconductor CY29948AXCT Datasheet HTML 2Page - Cypress Semiconductor CY29948AXCT Datasheet HTML 3Page - Cypress Semiconductor CY29948AXCT Datasheet HTML 4Page - Cypress Semiconductor CY29948AXCT Datasheet HTML 5Page - Cypress Semiconductor CY29948AXCT Datasheet HTML 6Page - Cypress Semiconductor CY29948AXCT Datasheet HTML 7Page - Cypress Semiconductor CY29948AXCT Datasheet HTML 8Page - Cypress Semiconductor CY29948AXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY29948
Document Number: 38-07288 Rev. *E
Page 2 of 10
Output Enable/Disable
The CY29948 features a control input to enable or disable the outputs. This data is latched on the falling edge of the input clock. When
SYNC_OE is asserted LOW, the outputs are disabled in a LOW state. When SYNC_OE is set HIGH, the outputs are enabled as shown
in Figure 1.
Pin Description[1]
Pin
Name
PWR
I/O
Description
3
PECL_CLK
–
I, PU PECL Input Clock
4
PECL_CLK#
–
I, PD PECL Input Clock
2
TCLK
–
I, PU External Reference/Test Clock Input
9, 11, 13, 15,
17, 19, 21, 23,
25, 27, 29, 31
Q(11:0)
VDDC
O
Clock Outputs
1
TCLK_SEL
–
I, PU Clock Select Input. When LOW, PECL clock is selected. When HIGH
TCLK is selected.
5
SYNC_OE
–
I, PU Output Enable Input. When asserted HIGH, the outputs are enabled.
When set LOW the outputs are disabled in a LOW state.
6
TS#
–
I, PU Three-state Control Input. When asserted LOW, the output buffers
are three-stated. When set HIGH, the output buffers are enabled.
10, 14, 18, 22,
26, 30
VDDC
–
–
2.5 V or 3.3 V Power Supply for Output Clock Buffers
7VDD
–
–
2.5 V or 3.3 V Power Supply
8, 12, 16, 20,
24, 28, 32
VSS
–
–
Common Ground
TCLK
SYNC_OE
Q
Figure 1. SYNC_OE Timing Diagram
Note
1. PD = Internal pull-down, PU = Internal pull-up.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com