Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M200 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # M200
Description  Two-PLL Programmable Clock Generator for Portable Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

M200 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button M200 Datasheet HTML 5Page - Cypress Semiconductor M200 Datasheet HTML 6Page - Cypress Semiconductor M200 Datasheet HTML 7Page - Cypress Semiconductor M200 Datasheet HTML 8Page - Cypress Semiconductor M200 Datasheet HTML 9Page - Cypress Semiconductor M200 Datasheet HTML 10Page - Cypress Semiconductor M200 Datasheet HTML 11Page - Cypress Semiconductor M200 Datasheet HTML 12Page - Cypress Semiconductor M200 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MoBL® Clock
M200/M500
Document Number: 001-29139 Rev. *C
Page 9 of 17
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply Voltage for MoBL Clock M5xx
–0.5
4.4
V
VDD
Supply Voltage for MoBL Clock M2xx
–0.5
2.8
V
VDD_CLKX
Supply Voltage for MoBL Clock
M2xx/M5xx
–0.5
4.4
V
VIN
Input Voltage for MoBL Clock M5xx
Relative to VSS
–0.5
VDD + 0.5
V
VIN
Input Voltage for MoBL Clock M2xx
Relative to VSS
–0.5
2.2
V
TS
Temperature, Storage
Non Functional
–65
+150
°C
ESDHBM
ESD Protection (Human Body Model)
JEDEC EIA/JESD22-A114-E
2000
V
UL-94
Flammability Rating
V-0 @1/8 in.
10
ppm
MSL
Moisture Sensitivity Level
3
Recommended Operating Conditions
The Recommended Operating Conditions table for MoBL Clock M2xx/M5xx family.
Parameter
Description
Min
Typ
Max
Unit
VDD
VDD Operating voltage for MoBL Clock M5xx
2.25
3.60
V
VDD
VDD Operating voltage for MoBL Clock M2xx
1.65
1.80
1.95
V
VDD_CLKX
Output Driver Voltage for MoBL Clock M2xx/M5xx
1.43
3.60
V
TAI
Industrial Ambient Temperature
–40
85
°C
CLOAD
Maximum Load Capacitance
15
pF
tPU
Power up time for all VDDs to reach minimum specified voltage (power
ramps must be monotonic)
0.05
500
ms
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com