Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL74HC161 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL74HC161
Description  Presettable Counters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC161 Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74HC161 Datasheet HTML 1Page - System Logic Semiconductor SL74HC161 Datasheet HTML 2Page - System Logic Semiconductor SL74HC161 Datasheet HTML 3Page - System Logic Semiconductor SL74HC161 Datasheet HTML 4Page - System Logic Semiconductor SL74HC161 Datasheet HTML 5Page - System Logic Semiconductor SL74HC161 Datasheet HTML 6Page - System Logic Semiconductor SL74HC161 Datasheet HTML 7Page - System Logic Semiconductor SL74HC161 Datasheet HTML 8Page - System Logic Semiconductor SL74HC161 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SL74HC161
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (Figures 1,6)
2.0
4.5
6.0
6
30
35
5
24
28
4
20
24
MHz
tPLH
Maximum Propagation Delay Clock to Q
2.0
4.5
6.0
120
20
16
160
23
20
200
28
22
ns
tPHL
(Figures 1,6)
2.0
4.5
6.0
145
22
18
185
25
20
320
30
23
ns
tPHL
Maximum Propagation Delay Reset to Q
(Figures 2 and 6)
2.0
4.5
6.0
145
20
17
185
22
19
220
25
21
ns
tPLH
Maximum Propagation Delay Enable T to Ripple
Carry Out
2.0
4.5
6.0
110
16
14
150
18
15
190
20
17
ns
tPHL
(Figures 3,6)
2.0
4.5
6.0
135
18
15
175
20
16
210
22
20
ns
tPLH
Maximum Propagation Delay Clock to Ripple
2.0
4.5
6.0
120
22
18
160
27
22
200
30
25
ns
tPHL
Carry Out (Figures 1,6)
2.0
4.5
6.0
145
22
20
185
28
24
220
35
28
ns
tPHL
Maximum Propagation Delay Reset to Ripple Carry
Out (Figures 2,6)
2.0
4.5
6.0
155
22
18
190
26
22
230
30
25
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 6)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Gate)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
30
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com