Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL74HC164 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC164
Description  8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC164 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC164 Datasheet HTML 1Page - System Logic Semiconductor SL74HC164 Datasheet HTML 2Page - System Logic Semiconductor SL74HC164 Datasheet HTML 3Page - System Logic Semiconductor SL74HC164 Datasheet HTML 4Page - System Logic Semiconductor SL74HC164 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC164
System Logic
Semiconductor
SLS
8-Bit Serial-Input/Parallel-Output
Shift Register
High-Performance Silicon-Gate CMOS
The SL74HC164 is identical in pinout to the LS/ALS164. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
The SL74HC164 is an 8-bit, serial-input to parallel-output shift
register. Two serial data inputs, A1 and A2, are provided so that one
input may be used as a data enable. Data is entered on each rising edge
of the clock. The active-low asynchronous Reset overrides theClock
and Serial Data inputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC164N Plastic
SL74HC164D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Reset
Clock
A1 A2
QA QB ... QH
L
X
X X
L
L ... L
H
X X
no change
H
H D
D QAn ... QGn
H
D H
D QAn ... QGn
D = data input
X = don’t care
QAn - QGn = data shifted from the previous stage on a
rising edge at the clock input.


Similar Part No. - SL74HC164

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
Presettable Counters
SL74HC161D SLS-SL74HC161D Datasheet
85Kb / 9P
Presettable Counters
SL74HC161N SLS-SL74HC161N Datasheet
85Kb / 9P
Presettable Counters
SL74HC163 SLS-SL74HC163 Datasheet
86Kb / 9P
Presettable Counters
SL74HC163D SLS-SL74HC163D Datasheet
86Kb / 9P
Presettable Counters
More results

Similar Description - SL74HC164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Integral Corp.
IN74AC164 INTEGRAL-IN74AC164 Datasheet
168Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift register
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LS164 KODENSHI-KK74LS164 Datasheet
279Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com