| Electronic Components Datasheet Search |
|
AD9518-0ABCPZ Datasheet(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9518-0ABCPZ Datasheet(HTML) 8 Page - Analog Devices |
|
8 / 64 page ![]() AD9518-0 Data Sheet Rev. C | Page 8 of 64 CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING INTERNAL VCO) Table 8. Parameter Min Typ Max Unit Test Conditions/Comments LVPECL OUTPUT ABSOLUTE TIME JITTER Application example based on a typical setup where the reference source is clean, so a wider PLL loop bandwidth is used; reference = 15.36 MHz; R = 1 VCO = 2.95 GHz; LVPECL = 491.52 MHz; PLL LBW = 75 kHz 148 fs rms Integration BW = 200 kHz to 10 MHz 342 fs rms Integration BW = 12 kHz to 20 MHz VCO = 2.95 GHz; LVPECL = 122.88 MHz; PLL LBW = 75 kHz 212 fs rms Integration BW = 200 kHz to 10 MHz 320 fs rms Integration BW = 12 kHz to 20 MHz VCO = 2.70 GHz; LVPECL = 122.88 MHz; PLL LBW = 187 kHz 184 fs rms Integration BW = 200 kHz to 10 MHz 304 fs rms Integration BW = 12 kHz to 20 MHz VCO = 2.70 GHz; LVPECL = 61.44 MHz; PLL LBW = 187 kHz 221 fs rms Integration BW = 200 kHz to 10 MHz 345 fs rms Integration BW = 12 kHz to 20 MHz VCO = 2.58 GHz; LVPECL = 61.44 MHz; PLL LBW = 75 kHz 210 fs rms Integration BW = 200 kHz to 10 MHz 334 fs rms Integration BW = 12 kHz to 20 MHz CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK CLEANUP USING INTERNAL VCO) Table 9. Parameter Min Typ Max Unit Test Conditions/Comments LVPECL OUTPUT ABSOLUTE TIME JITTER Application example based on a typical setup where the reference source is jittery, so a narrower PLL loop bandwidth is used; reference = 19.44 MHz; R = 1 VCO = 2.80 GHz; LVPECL = 155.52 MHz; PLL LBW = 12.8 kHz 513 fs rms Integration BW = 12 kHz to 20 MHz VCO = 2.95 GHz; LVPECL = 77.76 MHz; PLL LBW = 12.8 kHz 544 fs rms Integration BW = 12 kHz to 20 MHz CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL VCXO) Table 10. Parameter Min Typ Max Unit Test Conditions/Comments LVPECL OUTPUT ABSOLUTE TIME JITTER Application example based on a typical setup using an external 245.76 MHz VCXO (Toyocom TCO-2112); reference = 15.36 MHz; R = 1 LVPECL = 245.76 MHz; PLL LBW = 125 Hz 54 fs rms Integration BW = 200 kHz to 5 MHz 77 fs rms Integration BW = 200 kHz to 10 MHz 109 fs rms Integration BW = 12 kHz to 20 MHz LVPECL = 122.88 MHz; PLL LBW = 125 Hz 79 fs rms Integration BW = 200 kHz to 5 MHz 114 fs rms Integration BW = 200 kHz to 10 MHz 163 fs rms Integration BW = 12 kHz to 20 MHz LVPECL = 61.44 MHz; PLL LBW = 125 Hz 124 fs rms Integration BW = 200 kHz to 5 MHz 176 fs rms Integration BW = 200 kHz to 10 MHz 259 fs rms Integration BW = 12 kHz to 20 MHz |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |