Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9518-1ABCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9518-1ABCPZ
Description  6-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-1ABCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9518-1ABCPZ Datasheet HTML 1Page - Analog Devices AD9518-1ABCPZ Datasheet HTML 2Page - Analog Devices AD9518-1ABCPZ Datasheet HTML 3Page - Analog Devices AD9518-1ABCPZ Datasheet HTML 4Page - Analog Devices AD9518-1ABCPZ Datasheet HTML 5Page - Analog Devices AD9518-1ABCPZ Datasheet HTML 6Page - Analog Devices AD9518-1ABCPZ Datasheet HTML 7Page - Analog Devices AD9518-1ABCPZ Datasheet HTML 8Page - Analog Devices AD9518-1ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Data Sheet
AD9518-1
Rev. C | Page 5 of 64
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CHARGE PUMP (CP)
CPV is CP pin voltage; VCP is charge pump power supply voltage
ICP Sink/Source
Programmable
High Value
4.8
mA
With CPRSET = 5.1 kΩ
Low Value
0.60
mA
Absolute Accuracy
2.5
%
CPV = VCP/2 V
CPRSET Range
2.7/10
kΩ
ICP High Impedance Mode Leakage
1
nA
Sink-and-Source Current Matching
2
%
0.5 < CPV < VCP − 0.5 V
ICP vs. CPV
1.5
%
0.5 < CPV < VCP − 0.5 V
ICP vs. Temperature
2
%
CPV = VCP/2 V
PRESCALER (PART OF N DIVIDER)
See the
VCXO/VCO Feedback Divider N—P, A, B, R section
Prescaler Input Frequency
P = 1 FD
300
MHz
P = 2 FD
600
MHz
P = 3 FD
900
MHz
P = 2 DM (2/3)
200
MHz
P = 4 DM (4/5)
1000
MHz
P = 8 DM (8/9)
2400
MHz
P = 16 DM (16/17)
3000
MHz
P = 32 DM (32/33)
3000
MHz
Prescaler Output Frequency
300
MHz
A, B counter input frequency (prescaler input frequency divided
by P)
PLL DIVIDER DELAYS
Register 0x019: R, Bits[5:3]; N, Bits[2:0] (see Table 44)
000
Off
ps
001
330
ps
010
440
ps
011
550
ps
100
660
ps
101
770
ps
110
880
ps
111
990
ps
NOISE CHARACTERISTICS
In-Band Phase Noise of the Charge
Pump/Phase Frequency Detector
(In-Band Is Within the LBW of the PLL)
The PLL in-band phase noise floor is estimated by measuring the
in-band phase noise at the output of the VCO and subtracting
20 log(N) (where N is the value of the N divider)
At 500 kHz PFD Frequency
−165
dBc/Hz
At 1 MHz PFD Frequency
−162
dBc/Hz
At 10 MHz PFD Frequency
−151
dBc/Hz
At 50 MHz PFD Frequency
−143
dBc/Hz
PLL Figure of Merit (FOM)
−220
dBc/Hz
Reference slew rate > 0.25 V/ns; FOM + 10 log(fPFD) is an approxi-
mation of the PFD/CP in-band phase noise (in the flat region) inside
the PLL loop bandwidth; when running closed-loop, the phase
noise, as observed at the VCO output, is increased by 20 log(N)
PLL DIGITAL LOCK DETECT WINDOW2
Signal available at LD, STATUS, and REFMON pins
when selected by appropriate register settings
Required to Lock (Coincidence of Edges)
Selected by Register 0x017[1:0] and Register 0x018[4]
Low Range (ABP 1.3 ns, 2.9 ns)
3.5
ns
Register 0x017[1:0] = 00b, 01b,11b; Register 0x018[4] = 1b
High Range (ABP 1.3 ns, 2.9 ns)
7.5
ns
Register 0x017[1:0] = 00b, 01b, 11b; Register 0x018[4] = 0b
High Range (ABP 6.0 ns)
3.5
ns
Register 0x017[1:0] = 10b; Register 0x018[4] = 0b
To Unlock After Lock (Hysteresis)2
Low Range (ABP 1.3 ns, 2.9 ns)
7
ns
Register 0x017[1:0] = 00b, 01b, 11b; Register 0x018[4] = 1b
High Range (ABP 1.3 ns, 2.9 ns)
15
ns
Register 0x017[1:0] = 00b, 01b, 11b; Register 0x018[4] = 0b
High Range (ABP 6.0 ns)
11
ns
Register 0x017[1:0] = 10b; Register 0x018[4] = 0b
1
REFIN and REFIN self-bias points are offset slightly to avoid chatter on an open input condition.
2
For reliable operation of the digital lock detect, the period of the PFD frequency must be greater than the unlock-after-lock time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com