Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9518-3ABCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9518-3ABCPZ
Description  6-Output Clock Generator with 6-Output Clock Generator with
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-3ABCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9518-3ABCPZ Datasheet HTML 11Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 12Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 13Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 14Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 15Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 16Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 17Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 18Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Data Sheet
AD9518-3
Rev. B | Page 15 of 64
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
13
I
3.3 V CMOS
SCLK
Serial Control Port Data Clock Signal.
14
I
3.3 V CMOS
CS
Serial Control Port Chip Select, Active Low. This pin has an internal 30 kΩ pull-up
resistor.
15
O
3.3 V CMOS
SDO
Serial Control Port. Unidirectional serial data output.
16
I/O
3.3 V CMOS
SDIO
Serial Control Port. Bidirectional serial data input/output.
17
I
3.3 V CMOS
RESET
Chip Reset, Active Low. This pin has an internal 30 kΩ pull-up resistor.
18
I
3.3 V CMOS
PD
Chip Power Down, Active Low. This pin has an internal 30 kΩ pull-up resistor.
19
O
LVPECL
OUT4
LVPECL Output; One Side of a Differential LVPECL Output.
20
O
LVPECL
OUT4
LVPECL Output; One Side of a Differential LVPECL Output.
21, 30, 31,
40
I
Power
VS_LVPECL
Extended Voltage 2.5 V to 3.3 V LVPECL Power Pins.
22
O
LVPECL
OUT5
LVPECL Output; One Side of a Differential LVPECL Output.
23
O
LVPECL
OUT5
LVPECL Output; One Side of a Differential LVPECL Output.
27, 34
GND
GND
Ground. See the description for EPAD.
28
O
LVPECL
OUT3
LVPECL Output; One Side of a Differential LVPECL Output.
29
O
LVPECL
OUT3
LVPECL Output; One Side of a Differential LVPECL Output.
32
O
LVPECL
OUT2
LVPECL Output; One Side of a Differential LVPECL Output.
33
O
LVPECL
OUT2
LVPECL Output; One Side of a Differential LVPECL Output.
36
NC
No Connection.
38
O
LVPECL
OUT1
LVPECL Output; One Side of a Differential LVPECL Output.
39
O
LVPECL
OUT1
LVPECL Output; One Side of a Differential LVPECL Output.
41
O
LVPECL
OUT0
LVPECL Output; One Side of a Differential LVPECL Output.
42
O
LVPECL
OUT0
LVPECL Output; One Side of a Differential LVPECL Output.
44
O
Current set
resistor
RSET
Resistor connected here sets internal bias currents. Nominal value = 4.12 kΩ.
46
O
Current set
resistor
CPRSET
Resistor connected here sets the CP current range. Nominal value = 5.1 kΩ.
47
I
Reference
input
REFIN (REF2)
Along with REFIN, this is the self-biased differential input for the PLL reference.
Alternatively, this pin is a single-ended input for REF2.
48
I
Reference
input
REFIN (REF1)
Along with REFIN, this is the self-biased differential input for the PLL reference.
Alternatively, this pin is a single-ended input for REF1.
EPAD
GND
GND
Ground. The external paddle on the bottom of the package must be connected to
ground for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com