Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D3Z2V4BF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D3Z2V4BF
Description  0.4W SURFACE MOUNT PRECISION ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3Z2V4BF Datasheet(HTML) 2 Page - Diodes Incorporated

  D3Z2V4BF Datasheet HTML 1Page - Diodes Incorporated D3Z2V4BF Datasheet HTML 2Page - Diodes Incorporated D3Z2V4BF Datasheet HTML 3Page - Diodes Incorporated D3Z2V4BF Datasheet HTML 4Page - Diodes Incorporated D3Z2V4BF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D3Z2V4BF – D3Z36BF
Document number: DS35437 Rev. 6 - 2
2 of 5
www.diodes.com
May 2012
© Diodes Incorporated
D3Z2V4BF – D3Z36BF
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
@ IF = 100mA
1.1
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
400
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
312.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Type
Number
Marking
Code
Zener Voltage Range
(Note 6)
Maximum Zener Impedance
f = 1kHz
Maximum Reverse
Current (Note 7)
Typical
Temperature
Coefficient
Typical Total
Capacitance
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
@ IZT = 5mA
@ VR = 0V,
f=1MHz
Min (V)
Max (V)
mA
Ω
mA
μA
V
mV/°C
pF
D3Z2V4BF
L0
2.43
2.63
5
100
1000
0.5
50
1
-1.6
215
D3Z2V7BF
L1
2.69
2.91
5
100
1000
0.5
20
1
-1.7
205
D3Z3V0BF
L2
2.85
3.07
5
95
1000
0.5
10
1
-1.7
195
D3Z3V3BF
L3
3.32
3.53
5
95
1000
0.5
5
1
-1.9
145
D3Z3V6BF
L4
3.60
3.85
5
90
500
1.0
5
1
-2.4
185
D3Z3V9BF
L5
3.89
4.16
5
90
500
1.0
3
1
-2.5
175
D3Z4V3BF
L6
4.17
4.48
5
90
600
1.0
3
1
-2.5
165
D3Z4V7BF
L7
4.55
4.75
5
90
600
1.0
2
1
-1.1
150
D3Z5V1BF
L8
4.96
5.20
5
60
250
0.5
2
1.5
0.3
145
D3Z5V6BF
L9
5.48
5.73
5
50
100
0.5
1
2.5
1.7
20
D3Z6V2BF
LA
6.06
6.33
5
50
80
0.5
0.5
3
2.5
95
D3Z6V8BF
LB
6.65
6.93
5
40
60
0.5
0.5
3.5
3.4
82
D3Z7V5BF
LC
7.28
7.60
5
10
60
0.5
0.5
4
4.0
70
D3Z8V2BF
LD
8.02
8.36
5
10
60
0.5
0.5
5
4.6
57
D3Z9V1BF
LE
8.85
9.23
5
10
60
0.5
0.5
6
5.0
50
D3Z10BF
LF
9.77
10.21
5
10
60
0.5
0.1
7
6.1
45
D3Z11BF
LG
10.78
11.22
5
10
60
0.5
0.1
8
7.4
41
D3Z12BF
LH
11.74
12.24
5
10
80
0.5
0.1
9
8.2
36
D3Z13BF
LJ
12.91
13.49
5
10
80
0.5
0.1
10
9.4
33
D3Z15BF
LK
14.34
14.98
5
15
80
0.5
0.05
11
12.1
28
D3Z16BF
LL
15.85
16.51
5
20
80
0.5
0.05
12
13.7
25
D3Z18BF
LM
17.56
18.35
5
20
80
0.5
0.05
13
15.8
24
D3Z20BF
LN
19.52
20.39
5
20
100
0.5
0.05
15
16.4
22
D3Z22BF
LP
21.54
22.47
5
25
100
0.5
0.05
17
18.4
20
D3Z24BF
LQ
23.72
24.78
5
30
120
0.5
0.05
19
20.4
18
D3Z27BF
LR
26.19
27.53
5
40
150
0.5
0.05
21
18.0
17
D3Z30BF
LS
29.19
30.69
5
40
200
0.5
0.05
23
28.6
17
D3Z33BF
LT
32.15
33.79
5
40
250
0.5
0.05
25
32.2
15
D3Z36BF
LU
35.07
36.87
5
60
300
0.5
0.05
27
34.9
14
Notes:
5. Device mounted on FR-4 PCB with suggested pad layout, board size 35mm * 25mm.
6. The Zener voltage is measured 40ms after power is supplied.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com