Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2300UFD Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMN2300UFD
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2300UFD Datasheet(HTML) 6 Page - Diodes Incorporated

  DMN2300UFD Datasheet HTML 1Page - Diodes Incorporated DMN2300UFD Datasheet HTML 2Page - Diodes Incorporated DMN2300UFD Datasheet HTML 3Page - Diodes Incorporated DMN2300UFD Datasheet HTML 4Page - Diodes Incorporated DMN2300UFD Datasheet HTML 5Page - Diodes Incorporated DMN2300UFD Datasheet HTML 6Page - Diodes Incorporated DMN2300UFD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMN2300UFD
Datasheet Number: DS35443 Rev. 2 - 2
6 of 7
www.diodes.com
September 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN2300UFD
0
2
4
6
8
0
0.5
1
1.5
2
2.5
3
Fig. 16 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
V
= 15V
I = 1A
DS
D
Package Outline Dimensions
Suggested Pad Layout
X1-DFN1212-3
Dim Min Max Typ
A
0.47 0.53 0.50
A1
0
0.05 0.02
A3
-
-
0.13
b
0.27 0.37 0.32
b1
0.17 0.27 0.22
D
1.15 1.25 1.20
E
1.15 1.25 1.20
e
-
-
0.80
L
0.25 0.35 0.30
All Dimensions in mm
Dimensions
Value (in mm)
C
0.80
X
0.42
X1
0.32
Y
0.50
Y1
0.50
Y2
1.50
A1
A3
D
e
E
b
A
b1
(2x)
L
Y2
X
X1
(2x)
Y
Y1
(2x)
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com