Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5463MPFPEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463MPFPEP
Description  12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463MPFPEP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5463MPFPEP Datasheet HTML 1Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 2Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 3Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 4Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 5Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 6Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 7Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 8Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ADS5463-EP
www.ti.com ......................................................................................................................................... SGLS382C – NOVEMBER 2006 – REVISED OCTOBER 2009
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
AVDD5 to GND
6
Supply voltage
AVDD3 to GND
5
V
DVDD3 to GND
5
AC signal
–0.3 to (AVDD5 + 0.3)
Voltage difference between
AIN, AIN to GND(2)
DC signal, TJ = 105°C
0.4 to 4.4
V
pin and ground
DC signal, TJ = 125°C
1.0 to 3.8
AC signal
–5.2 to 5.2
Voltage difference between
AIN to AIN (2)
DC signal, TJ = 105°C
–4 to 4
V
these pins
DC signal, TJ = 125°C
–2.8 to 2.8
AC signal
–0.3 to (AVDD5 + 0.3)
Voltage difference between
CLK, CLK to GND(2)
DC signal, TJ = 105°C
0.1 to 4.7
V
pin and ground
DC signal, TJ = 125°C
1.1 to 3.7
AC signal
–3.3 to 3.3
Voltage difference between
CLK to CLK (2)
DC signal, TJ = 105°C
–3.3 to 3.3
V
these pins
DC signal, TJ = 125°C
–2.6 to 2.6
Data output to GND(2) LVDS digital outputs
–0.3 to (DVDD3 + 0.3)
V
Characterized case operating temperature range
–55 to 125
°C
Maximum junction temperature
150
°C
Storage temperature range
–65 to 150
°C
ESD Human Body Model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Valid when supplies are within recommended operating range.
THERMAL CHARACTERISTICS
(1)
PARAMETER
TEST CONDITIONS
TYP
UNIT
Soldered thermal pad, no airflow
23.7
(2)R
θJA
Soldered thermal pad, 150 LFM airflow
17.8
°C/W
Soldered thermal pad, 250 LFM airflow
16.4
(3)R
θJP
Bottom of package (thermal pad)
2.99
°C/W
(1)
Using 36 thermal vias (6 × 6 array). See Application Information section.
(2)
RθJA is the thermal resistance from junction to ambient.
(3)
RθJP is the thermal resistance from junction to the thermal pad.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :ADS5463-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com