Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CABT16245AMDLREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CABT16245AMDLREP
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CABT16245AMDLREP Datasheet(HTML) 4 Page - Texas Instruments

  CABT16245AMDLREP Datasheet HTML 1Page - Texas Instruments CABT16245AMDLREP Datasheet HTML 2Page - Texas Instruments CABT16245AMDLREP Datasheet HTML 3Page - Texas Instruments CABT16245AMDLREP Datasheet HTML 4Page - Texas Instruments CABT16245AMDLREP Datasheet HTML 5Page - Texas Instruments CABT16245AMDLREP Datasheet HTML 6Page - Texas Instruments CABT16245AMDLREP Datasheet HTML 7Page - Texas Instruments CABT16245AMDLREP Datasheet HTML 8Page - Texas Instruments CABT16245AMDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.ti.com
Electrical Characteristics
SN74ABT16245A-EP
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCBS807B – OCTOBER 2005 – REVISED JANUARY 2006
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
MIN TYP(1)
MAX
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
VCC = 5 V,
IOH = –3 mA
3
3
VOH
V
IOH = –24 mA
2
2
VCC = 4.5 V
IOH = –32 mA
2
IOL = 48 mA
0.55
0.55
VOL
VCC = 4.5 V
V
IOL = 64 mA
0.55
Vhys
100
mV
Control
VCC = 0 to 5.5 V, VI = VCC or GND
±1
±1
inputs
II
µA
A or B
VCC = 2.1 V to 5.5 V, VI = VCC or GND
±20
±100
port
IOZPU
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
µA
IOZPD
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
µA
IOZH(2)
VCC = 2.7 V to 5.5 V, VO = 2.7 V, OE ≥ 2 V
10(3)
10
µA
IOZL(2)
VCC = 2.7 V to 5.5 V, VO = 0.5 V, OE ≥ 2 V
–10(3)
–10
µA
Ioff
VCC = 0,
VI or VO ≤ 5.5 V
±100
µA
ICEX
VCC = 5.5 V, VO = 5.5 V
Outputs high
50
50
µA
IO(4)
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
mA
Outputs high
2
2
A or B
VCC = 5.5 V, IO = 0,
ICC
Outputs low
32
32
mA
port
VI = VCC or GND
Outputs disabled
2
2
VCC = 5.5 V,
Outputs enabled
2
1.5
Data
One input at 3.4 V,
inputs
Outputs disabled
0.05
1
Other inputs at VCC or GND
∆I
CC
(5)
mA
Control
VCC = 5.5 V, One input at 3.4 V,
1.5
1.5
inputs
Other inputs at VCC or GND
Control
Ci
VI = 2.5 V or 0.5 V
3
pF
inputs
A or B
Co
VO = 2.5 V or 0.5 V
6
pF
port
(1)
All typical values are at VCC = 5 V.
(2)
The parameters IOZH and IOZL include the input leakage current.
(3)
This limit may vary among suppliers.
(4)
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
(5)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com