Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC34708 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC34708 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 159 page
background image
Analog Integrated Circuit Device Data
5
Freescale Semiconductor
MC34708
Part Identification
2
Part Identification
This section provides an explanation of the part numbers and their alpha numeric breakdown.
2.1
Description
Part numbers for the chips have fields that identify the specific part configuration. You can use the values of these fields to
determine the specific part you have received.
2.2
Format and Examples
Part numbers for a given device have the following format, followed by a device example:
Table 2 - Part Numbering - Analog:
MC tt xxx r v PP RR - MC34708VKR2
2.3
Fields
These tables list the possible values for each field in the part number (not all combinations are valid).
Table 2: Part Numbering - Analog
FIELD
DESCRIPTION
VALUES
MC
Product Category
• MC- Qualified Standard
• PC- Prototype Device
tt
Temperature Range
• 33 = -40 °C to > 105 °C
• 34 = -40 °C to
 105 °C
• 35 = -55 °C to
 125 °C
xxx
Product Number
• Assigned by Marketing
r
Revision
• (default blank)
v
Variation
• (default blank)
PP
Package Identifier
• Varies by package
RR
Tape and Reel Indicator
• R2 = 13 inch reel hub size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com