Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1236BLS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1236BLS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236BLS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1236BLS8 Datasheet HTML 1Page - Linear Technology LT1236BLS8 Datasheet HTML 2Page - Linear Technology LT1236BLS8 Datasheet HTML 3Page - Linear Technology LT1236BLS8 Datasheet HTML 4Page - Linear Technology LT1236BLS8 Datasheet HTML 5Page - Linear Technology LT1236BLS8 Datasheet HTML 6Page - Linear Technology LT1236BLS8 Datasheet HTML 7Page - Linear Technology LT1236BLS8 Datasheet HTML 8Page - Linear Technology LT1236BLS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1236LS8
3
1236ls8f
PARAMETER
CONDITIONS
LT1236LS8-5
UNITS
MIN
TYP
MAX
Load Regulation (Sinking Current)
(Note 4)
0 ≤ IOUT ≤ 10mA
l
60
100
150
ppm/mA
ppm/mA
Supply Current
l
0.8
1.2
1.5
mA
mA
Output Voltage Noise
(Note 5)
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
3.0
2.2
3.5
µVP-P
µVRMS
Long-Term Stability of Output Voltage (Note 6)
∆t = 1000Hrs Non-Cumulative
20
ppm
Temperature Hysteresis of Output (Note 7)
∆T = ±25°C
∆T = 0°C to 70°C
∆T = –40°C to 85°C
3
8
60
ppm
ppm
ppm
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, IOUT = 0, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Output voltage is measured immediately after turn-on. Changes
due to chip warm-up are typically less than 0.005%.
Note 3: Temperature coefficient is measured by dividing the change in
output voltage over the temperature range by the change in temperature.
Incremental slope is also measured at 25°C.
Note 4: Line and load regulation are measured on a pulse basis. Output
changes due to die temperature change must be taken into account
separately.
Note 5: RMS noise is measured with a 2-pole highpass filter at 10Hz and a
2-pole lowpass filter at 1kHz. The resulting output is full-wave rectified and
then integrated for a fixed period, making the final reading an average as
opposed to RMS. Correction factors are used to convert from average to
RMS, and 0.88 is used to correct for the non-ideal bandbass of the filters.
Peak-to-peak noise is measured with a single highpass filter at 0.1Hz and a
2-pole lowpass filter at 10Hz. The unit is enclosed in a still-air environment
to eliminate thermocouple effects on the leads. Test time is 10 seconds.
Note 6: Long-term stability typically has a logarithmic characteristic and
therefore, changes after 1000 hours tend to be much smaller than before
that time. Total drift in the second thousand hours is normally less than
one third that of the first thousand hours, with a continuing trend toward
reduced drift with time. Significant improvement in long-term drift can
be realized by preconditioning the IC with a 100-200 hour, 125°C burn in.
Long term stability will also be affected by differential stresses between
the IC and the board material created during board assembly. Temperature
cycling and baking of completed boards is often used to reduce these
stresses in critical applications.
Note 7: Hysteresis in output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25°C, but the IC is
cycled to high or low temperature before successive measurements.
Hysteresis is roughly proportional to the square of temperature change.
Hysteresis is not normally a problem for operational temperature
excursions, but can be significant in critical narrow temperature range
applications where the instrument might be stored at high or low
temperatures. Hysteresis measurements are preconditioned by one
temperature cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com