Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4270/ Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4270/
Description  8-Port PoE/PoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4270/ Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4270/ Datasheet HTML 6Page - Linear Technology LTC4270/ Datasheet HTML 7Page - Linear Technology LTC4270/ Datasheet HTML 8Page - Linear Technology LTC4270/ Datasheet HTML 9Page - Linear Technology LTC4270/ Datasheet HTML 10Page - Linear Technology LTC4270/ Datasheet HTML 11Page - Linear Technology LTC4270/ Datasheet HTML 12Page - Linear Technology LTC4270/ Datasheet HTML 13Page - Linear Technology LTC4270/ Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC4290/LTC4271
10
429071f
TEST TIMING DIAGRAMS
Figure 1. Detect, Class and Turn-On Timing in AUTO Pin or Semi-auto Modes
Figure 2. Current Limit Timing
Figure 3. DC Disconnect Timing
VPORTn
INT
VOC
VEE
tDET
tME
tMEL
VMARK
VCLASS
15.5V
20.5V
tCLE
tCLE
tCLEON
PD
CONNECTED
0V
429071 F01
FORCED-CURRENT
CLASSIFICATION
tPON
FORCED-
VOLTAGE
VLIM
VCUT
0V
VSENSEn TO VEE
INT
429071 F02
tSTART, tCUT
VMIN
VSENSEn
TO VEE
INT
tDIS
tMPS
429071 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com