Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC1282IPW Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1282IPW
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1282IPW Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC1282IPW Datasheet HTML 27Page - Texas Instruments DAC1282IPW Datasheet HTML 28Page - Texas Instruments DAC1282IPW Datasheet HTML 29Page - Texas Instruments DAC1282IPW Datasheet HTML 30Page - Texas Instruments DAC1282IPW Datasheet HTML 31Page - Texas Instruments DAC1282IPW Datasheet HTML 32Page - Texas Instruments DAC1282IPW Datasheet HTML 33Page - Texas Instruments DAC1282IPW Datasheet HTML 34Page - Texas Instruments DAC1282IPW Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
1
9
17
25
CS
(1)
SCLK
DIN
OPCODE 1
OPCODE 2
REG DATA 1
REG DATA 2
DOUT
Don’t Care
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
WREG: Write to Registers
Description: These two opcode bytes write register data. The register write operation is a two-byte opcode
followed by one or more bytes of register data. The first byte of the command is the write opcode and the register
address combined. The second byte of the command specifies the number of registers to write (minus 1) in a
single sequence. The following bytes are the register data bytes. Note that for multiple register write operations,
the register address pointer does not wrap when the last register is exceeded.
First opcode byte: 0010 rrrr, where rrrr is the starting address register address to be written.
Second opcode byte: 0000 nnnn, where nnnn is the number of registers to write
– 1.
Following bytes: Register data input in MSB-first format.
(1) CS may be tied low.
Figure 49. WREG Command Example: Write Two Registers Starting from Register 00h
(OPCODE 1 = 0100 0000, OPCODE 2 = 0000 0001)
RESET: Device Reset
Description: This command resets the DAC. The registers are set to power-on default the value; see the
RESET/PWDN section.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com