Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6474 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6474
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474 Datasheet(HTML) 1 Page - STMicroelectronics

  L6474 Datasheet HTML 1Page - STMicroelectronics L6474 Datasheet HTML 2Page - STMicroelectronics L6474 Datasheet HTML 3Page - STMicroelectronics L6474 Datasheet HTML 4Page - STMicroelectronics L6474 Datasheet HTML 5Page - STMicroelectronics L6474 Datasheet HTML 6Page - STMicroelectronics L6474 Datasheet HTML 7Page - STMicroelectronics L6474 Datasheet HTML 8Page - STMicroelectronics L6474 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
December 2011
Doc ID 022529 Rev 2
1/51
51
L6474
easySPIN – fully integrated microstepping motor driver
Features
■ Operating voltage: 8 - 45 V
■ 7.0 A output peak current (3.0 A r.m.s.)
■ Low RDSon power MOSFETS
■ Programmable power MOS slew-rate
■ Up to 1/16 microstepping
■ Current control with adaptive decay
■ Non dissipative current sensing
■ SPI interface
■ Low quiescent and standby currents
■ Programmable non dissipative overcurrent
protection on all power MOS
■ Two-level overtemperature protection
Application
■ Bipolar stepper motor
Description
The L6474, realized in analog mixed signal
technology, integrates a dual low RDSon DMOS
full bridge with all power switches equipped with
an accurate on-chip current sensing circuitry
suitable for non dissipative current control and
overcurrent protections. Thanks to a new current
control, a 1/16 microstepping is achieved through
an adaptive decay mode which outperforms
traditional implementations.
All data registers, including those used to set
analogue values (i.e. current control value,
current protection trip point, dead time, etc.) are
sent through a standard 5 Mbit/s SPI.
A very rich set of protections (thermal, low bus
voltage, overcurrent) makes the L6474 “bullet
proof” as required by the most demanding motor
control applications.
HTSSOP28
POWERSO36
Table 1.
Device summary
Order codes
Package
Packing
L6474H
HTSSOP28
Tube
L6474HTR
HTSSOP28
Tape and reel
L6474PD
POWERSO36
Tube
L6474PDTR
POWERSO36
Tape and reel
www.st.com


Similar Part No. - L6474

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
19-Jun-2012
L6470H STMICROELECTRONICS-L6470H Datasheet
814Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
19-Jun-2012
L6470H STMICROELECTRONICS-L6470H Datasheet
743Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
20-Dec-2012
L6470HTR STMICROELECTRONICS-L6470HTR Datasheet
814Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
19-Jun-2012
L6470HTR STMICROELECTRONICS-L6470HTR Datasheet
743Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
20-Dec-2012
More results

Similar Description - L6474

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
FULLY INTEGRATED STEPPER MOTOR DRIVER
Sep-2003
VNH3SP30 STMICROELECTRONICS-VNH3SP30 Datasheet
222Kb / 26P
FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Apr-2004
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
Automotive fully integrated H-bridge motor driver
15-Nov-2007
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
DMOS Microstepping PWM Motor Driver
logo
STMicroelectronics
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
19-Jun-2012
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
dSPIN fully integrated microstepping motor driver
24-Jan-2012
EVAL6470H STMICROELECTRONICS-EVAL6470H Datasheet
743Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
20-Dec-2012
logo
Shindengen Electric Mfg...
MTD2038GE SHINDENGEN-MTD2038GE Datasheet
111Kb / 6P
DMOS Microstepping PWM Motor Driver
logo
STMicroelectronics
EVAL6470 STMICROELECTRONICS-EVAL6470 Datasheet
250Kb / 11P
Fully integrated microstepping motor driver using the L6470
22-Mar-2010
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
Automotive fully integrated H-bridge motor driver
14-Mar-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com