Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLQ50XX Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLQ50XX
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50XX Datasheet(HTML) 4 Page - STMicroelectronics

  STLQ50XX Datasheet HTML 1Page - STMicroelectronics STLQ50XX Datasheet HTML 2Page - STMicroelectronics STLQ50XX Datasheet HTML 3Page - STMicroelectronics STLQ50XX Datasheet HTML 4Page - STMicroelectronics STLQ50XX Datasheet HTML 5Page - STMicroelectronics STLQ50XX Datasheet HTML 6Page - STMicroelectronics STLQ50XX Datasheet HTML 7Page - STMicroelectronics STLQ50XX Datasheet HTML 8Page - STMicroelectronics STLQ50XX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin configuration
STLQ50XX
4/18
2
Pin configuration
Figure 2.
Pin connections (top view)
N/C
OUT
ADJ
GND
STLQ50
IN
N/C
OUT
ADJ
GND
STLQ50
IN
Table 2.
Pin description
Pin n°
Symbol
Note
1
ADJ
STLQ50: output voltage adjust
N/C
STLQ50xx: not connected
2
GND
Ground
3
N/C
Not connected
4
IN
Input voltage
5
OUT
Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com