| Electronic Components Datasheet Search |
|
MSP430F6433IPZ Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6433IPZ Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 106 page ![]() MSP430F643x www.ti.com SLAS720B – AUGUST 2010 – REVISED AUGUST 2012 MIXED SIGNAL MICROCONTROLLER 1 FEATURES 2 • Low Supply Voltage Range: 1.8 V to 3.6 V • Four 16-Bit Timer With 3, 5, or 7 Capture/Compare Registers • Ultralow Power Consumption • Two Universal Serial Communication – Active Mode (AM): Interfaces All System Clocks Active: 270 µA/MHz at 8 MHz, 3.0 V, Flash Program – USCI_A0 and USCI_A1 Each Support: Execution (Typical) – Enhanced UART Supports Auto- – Standby Mode (LPM3): Baudrate Detection Watchdog With Crystal, and Supply – IrDA Encoder and Decoder Supervisor Operational, Full RAM – Synchronous SPI Retention, Fast Wake-Up: – USCI_B0 and USCI_B1 Each Support: 1.8 µA at 2.2 V, 2.1 µA at 3.0 V (Typical) – I2CTM – Shutdown RTC Mode (LPM3.5): – Synchronous SPI Shutdown Mode, Active Real-Time Clock With Crystal: • Integrated 3.3-V Power System 1.1 µA at 3.0 V (Typical) • 12-Bit Analog-to-Digital (A/D) Converter With – Shutdown Mode (LPM4.5): Internal Shared Reference, Sample-and-Hold, 0.3 µA at 3.0 V (Typical) and Autoscan Feature • Wake-Up From Standby Mode in 3 µs (Typical) • Dual 12-Bit Digital-to-Analog (D/A) Converters With Synchronization • 16-Bit RISC Architecture, Extended Memory, up to 20-MHz System Clock • Voltage Comparator • Flexible Power Management System • Integrated LCD Driver With Contrast Control for up to 160 Segments – Fully Integrated LDO With Programmable Regulated Core Supply Voltage • Hardware Multiplier Supporting 32-Bit Operations – Supply Voltage Supervision, Monitoring, and Brownout • Serial Onboard Programming, No External Programming Voltage Needed • Unified Clock System • Six-Channel Internal DMA – FLL Control Loop for Frequency Stabilization • Real-Time Clock Module With Supply Voltage Backup Switch – Low-Power Low-Frequency Internal Clock Source (VLO) • Family Members are Summarized in Table 1 – Low-Frequency Trimmed Internal Reference • For Complete Module Descriptions, See the Source (REFO) MSP430x5xx and MSP430x6xx Family User's Guide (SLAU208) – 32-kHz Crystals (XT1) – High-Frequency Crystals Up to 32 MHz (XT2) DESCRIPTION The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring different sets of peripherals targeted for various applications. The architecture, combined with five low-power modes, is optimized to achieve extended battery life in portable measurement applications. The device features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in 3 µs (typical). 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2010–2012, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - MSP430F6433IPZ |
|
Similar Description - MSP430F6433IPZ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |