Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS8083CPZP Datasheet(PDF) 42 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS8083CPZP Datasheet(HTML) 42 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 38Page - Texas Instruments THS8083CPZP Datasheet HTML 39Page - Texas Instruments THS8083CPZP Datasheet HTML 40Page - Texas Instruments THS8083CPZP Datasheet HTML 41Page - Texas Instruments THS8083CPZP Datasheet HTML 42Page - Texas Instruments THS8083CPZP Datasheet HTML 43Page - Texas Instruments THS8083CPZP Datasheet HTML 44Page - Texas Instruments THS8083CPZP Datasheet HTML 45Page - Texas Instruments THS8083CPZP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
4–2
4.2
Timing Diagram – 16-Bit Parallel Mode
This is the ITU.BT–601 style mode that will typically be used in YUV operation of the part with a Y analog input
connected to the Ch1 input of THS8083, Cb from Ch.2 input, and Cr from Ch.3 input. The DATACLK1 output is at
the sampling clock frequency and Ch3 remains unused. Output bus B of all channels is high impedance. The DHS
signal can be used to uniquely identify Cb from Cr output data.
DATACLK
CH1_OUTA[7..0]
CH2_OUTA[7..0]
CH2_OUTB[7..0]
CH1_OUTB[7..0]
CH3_OUTA[7..0]
CH3_OUTB[7..0]
DHS
02
HS
Cb: From Ch.2 Input
Cr: From Ch.3 Input
pix 01
pix 02
ADCCLK2
03
tPLH(OE)
tPHL(OE)
tsu(OUT)
th(OUT)
01
th(DHS)
tsu(DHS)
<DHS_MODE> = 1 –> Width
Equal to Width of HS Input
<DHS_MODE> = 0 –> DHS
Width is 1 ADCCLK2 Period
7 ADCCLK2
Cycles Latency
(DHS_POL = 0
Assumed-Inverted
Polarity Otherwise)
OE
7 ADCCLK2 Cycles Latency
Last Samples From Previous Line
01(Cr)
01(Cb)
03(Cb)
Last Samples From Previous Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com