Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS8200IPFPEP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS8200IPFPEP
Description  All-Format Oversampled Component Video/PC Graphics D/A System With Three 11-Bit DACs, CGMS Data Insertion
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS8200IPFPEP Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS8200IPFPEP Datasheet HTML 17Page - Texas Instruments THS8200IPFPEP Datasheet HTML 18Page - Texas Instruments THS8200IPFPEP Datasheet HTML 19Page - Texas Instruments THS8200IPFPEP Datasheet HTML 20Page - Texas Instruments THS8200IPFPEP Datasheet HTML 21Page - Texas Instruments THS8200IPFPEP Datasheet HTML 22Page - Texas Instruments THS8200IPFPEP Datasheet HTML 23Page - Texas Instruments THS8200IPFPEP Datasheet HTML 24Page - Texas Instruments THS8200IPFPEP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
R7(0)
R6(0)
R5(0)
R4(0)
R3(0)
G7(0)
G6(0)
G5(0)
R7(1)
R6(1)
R5(1)
R4(1)
R3(1)
G7(1)
G6(1)
G5(1)
R7(2)
R6(2)
R5(2)
R4(2)
R3(2)
G7(2)
G6(2)
G5(2)
R7(3)
R6(3)
R5(3)
R4(3)
R3(3)
G7(3)
G6(3)
G5(3)
GY[9]
GY[8]
GY[7]
GY[6]
GY[5]
GY[4]
GY[3]
GY[2]
G4(0)
G3(0)
G2(0)
B7(0)
B6(0)
B5(0)
B4(0)
B3(0)
G4(1)
G3(1)
G2(1)
B7(1)
B6(1)
B5(1)
B4(1)
B3(1)
G4(2)
G3(2)
G2(2)
B7(2)
B6(2)
B5(2)
B4(2)
B3(2)
G4(3)
G3(3)
G2(3)
B7(3)
B6(3)
B5(3)
B4(3)
B3(3)
BCb[9]
BCb[8]
BCb[7]
BCb[6]
BCb[5]
BCb[4]
BCb[3]
BCb[2]
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
RCr[9]
RCr[8]
RCr[7]
RCr[6]
RCr[5]
RCr[4]
RCr[3]
RCr[2]
CLKIN
G7(0)
G6(0)
G5(0)
G4(0)
G3(0)
G2(0)
0
0
G7(1)
G6(1)
G5(1)
G4(1)
G3(1)
G2(1)
0
0
G7(2)
G6(2)
G5(2)
G4(2)
G3(2)
G2(2)
0
0
G7(3)
G6(3)
G5(3)
G4(3)
G3(3)
G2(3)
0
0
B7(0)
B6(0)
B5(0)
B4(0)
B3(0)
0
0
0
B7(1)
B6(1)
B5(1)
B4(1)
B3(1)
0
0
0
B7(2)
B6(2)
B5(2)
B4(2)
B3(2)
0
0
0
B7(3)
B6(3)
B5(3)
B4(3)
B3(3)
0
0
0
R7(0)
R6(0)
R5(0)
R4(0)
R3(0)
0
0
0
R7(1)
R6(1)
R5(1)
R4(1)
R3(1)
0
0
0
R7(2)
R6(2)
R5(2)
R4(2)
R3(2)
0
0
0
R7(3)
R6(3)
R5(3)
R4(3)
R3(3)
0
0
0
TO CH1
TO CH2
TO CH3
THS8200-EP
www.ti.com
SLES253 – DECEMBER 2009
of HS_IN (i.e. the first CLKIN rising edge seeing HS active) and a Cb color component assumed
present during that clock period on the input bus. When embedded timing is used in this mode, the
SAV/EAV structure also unambiguously defines the CbCr sequence, according to ITU-R.BT656 (for
625I and 525I) and SMPTE293M (for 525P).
•
16-bit RGB 4:4:4
Figure 4-3. 16-Bit RGB 4:4:4 Data Format
CLKIN is equal to 1× the pixel clock. This format is only supported in VESA mode and can be used for
PC graphics applications that do not require full 8-bit resolution on each color component.
•
15-bit RGB 4:4:4
Copyright © 2009, Texas Instruments Incorporated
Detailed Functional Description
21
Submit Documentation Feedback
Product Folder Link(s): THS8200-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com