Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTH08T255WAD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAD
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAD Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH08T255WAD Datasheet HTML 4Page - Texas Instruments PTH08T255WAD Datasheet HTML 5Page - Texas Instruments PTH08T255WAD Datasheet HTML 6Page - Texas Instruments PTH08T255WAD Datasheet HTML 7Page - Texas Instruments PTH08T255WAD Datasheet HTML 8Page - Texas Instruments PTH08T255WAD Datasheet HTML 9Page - Texas Instruments PTH08T255WAD Datasheet HTML 10Page - Texas Instruments PTH08T255WAD Datasheet HTML 11Page - Texas Instruments PTH08T255WAD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
SET
O
0.7
R
8.25
(k
)
V
0.7
0.7
30.1
10
æ
ö
ç
÷
ç
÷
=
-
W
ç
÷
-
æ
ö
-
ç
÷
ç
÷
è
ø
è
ø
(1)
+Sense
V
O
-Sense
GND
V
O
Adj
PTH08T255W
10
17
11
16
13
4
18
12
9
8
V
O
GND GND GND
AGND
R
SET
1%
0.05 W
C
O
+
+Sense
V
O
-Sense
GND
UDG-08145
PTH08T255W
SLTS290 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
The Vo Adjust control sets the output voltage of the PTH08T255W. The adjustment range of the PTH08T255W is
3.0 V to 5.25 V. The adjustment method requires the addition of a single external resistor, RSET, that must be
connected directly between pins Vo Adjust (pin 18) and AGND (pin 4). Figure 6 shows the placement of the
required resistor.
To set the output voltage, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of standard resistor values given in Table 2.
Table 2. Output Voltage Set-Point Resistor Values
VO Required (V)
RSET (kΩ)
VO Required (V)
RSET (kΩ)
3.0
100
4.2
6.81
3.1
63.4
4.3
5.90
3.2
45.3
4.4
4.99
3.3
34.0
4.5
4.22
3.4
27.4
4.6
3.48
3.5
22.1
4.7
2.87
3.6
18.2
4.8(3)
2.32
3.7
15.4
4.9(3)
1.82
3.8
13.0
5.0(3)
1.37
3.9
11.0
5.1(3)
0.931
4.0
9.31
5.2(3)
0.549
4.1
8.06
5.25(3)
0.374
(1)
RSET: Use a 0.05-W resistor with a tolerance of 1% and temperature stability of 100 ppm/°C (or better). Connect the
resistor directly between pins 18 and 4, as close to the regulator as possible, using dedicated PCB traces.
(2)
Any capacitance added to the VO Adjust pin affects the stability of the regulator.
(3)
When setting the output voltage to 4.8V or greater, the Auto-Track pin must be directly connected to VI if the feature
is not used. If the Auto-Track feature is utilized, a 100k
Ω resistor must connect the Auto-Track pin to VI.
Figure 6. VO Adjust Resistor Placement
8
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com