Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF-HDT-AJLS Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # RF-HDT-AJLS
Description  Tag-it HF-I Pro Transponder IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF-HDT-AJLS Datasheet(HTML) 12 Page - Texas Instruments

Back Button RF-HDT-AJLS Datasheet HTML 8Page - Texas Instruments RF-HDT-AJLS Datasheet HTML 9Page - Texas Instruments RF-HDT-AJLS Datasheet HTML 10Page - Texas Instruments RF-HDT-AJLS Datasheet HTML 11Page - Texas Instruments RF-HDT-AJLS Datasheet HTML 12Page - Texas Instruments RF-HDT-AJLS Datasheet HTML 13Page - Texas Instruments RF-HDT-AJLS Datasheet HTML 14Page - Texas Instruments RF-HDT-AJLS Datasheet HTML 15Page - Texas Instruments RF-HDT-AJLS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
www.ti.com
2.1
Electrical Specification
2.2
Mechanical Wafer Specification
Electrical Specification
Table 2-1. Absolute Maximum Ratings
Parameter
Symbol
Note
Min
Nom
Max
Unit
Antenna Input Current
Iant_dc
10
mA
Antenna Input Voltage
Vant_dc
10
V
Storage Temperature
Ts
-40
125
°C
Junction (Chip) Temp.
Tj
150
°C
ANT1, ANT2,
HBM
2.5
ESD Immunity
kV
TDAT, GND
2.0
Note:
Stress beyond the limits of those listed under ‘Absolute Maximum Ratings’ cause permanent
damage to the device. Functional operation of the device under these or any other conditions
beyond those indicated under ‘Recommended Operating Conditions’ is not implied. Exposure
to absolute-maximum-rated conditions for extended time affect device reliability.
Table 2-2. Recommended Operating Conditions
Parameter
Symbol
Note
Min
Nom
Max
Unit
Operating temperature
TA
–40
85
°C
Carrier frequency
fTX
13.56
MHz
Antenna input voltage
VANT
@ fTX unmodulated
2.5
Vlim
V
Impedance of LC circuit
Z
6.5
15.5
k
Ω
Table 2-3. Electrical Characteristics
Parameter
Symbol
Note
Min
Nom
Max
Unit
Input capacitance
CIN
@ 2VRMS
–10%
23.5
10%
pF
Operating supply current
ICC
VANT=min
25
μA
Programming
35
Uplink modulation index
MPICC
VANT<7V
0.1
0.3
Limiter clamping voltage
Vlim
10
V
Data retention
tDRET
55C
10
Years
Write and erase endurance
W&E
Ta=25C
100 000
Cycles
Note:
For highest possible read-out coverage we recommend to operate readers at a modulation
depth of 20% or higher.
Table 2-4. General Mechanical Wafer Specification
Parameter
Value
Wafer diameter
200 mm
±0.3 mm (8 inch)
Thickness
711
μm
Scribe line width
84
μm
Electrical connection of substrate
VSS potential
Complete dies per wafer
24172
Specification
12
SCBU045 (11-09-21-065) – October 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com