Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/04753-04YA Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04753-04YA
Description  FLOATING-POINT DIGTAL SIGNAL PROCESSORS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04753-04YA Datasheet(HTML) 21 Page - Texas Instruments

Back Button V62/04753-04YA Datasheet HTML 17Page - Texas Instruments V62/04753-04YA Datasheet HTML 18Page - Texas Instruments V62/04753-04YA Datasheet HTML 19Page - Texas Instruments V62/04753-04YA Datasheet HTML 20Page - Texas Instruments V62/04753-04YA Datasheet HTML 21Page - Texas Instruments V62/04753-04YA Datasheet HTML 22Page - Texas Instruments V62/04753-04YA Datasheet HTML 23Page - Texas Instruments V62/04753-04YA Datasheet HTML 24Page - Texas Instruments V62/04753-04YA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
SM320C6711EP, SM320C6711BEP, SM320C6711CEP, SM320C6711DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS054A − AUGUST 2004 − REVISED SEPTEMBER 2005
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
DEVCFG register description [C6711C/C6711D only]
The device configuration register (DEVCFG) allows the user control of the EMIF input clock source for the
C6711C/C6711D device only. For more detailed information on the DEVCFG register control bits, see Table 16
and Table 17.
Table 16. Device Configuration Register (DEVCFG) [Address location: 0x019C0200 − 0x019C02FF]
31
16
Reserved†
RW-0
15
54
3
0
Reserved†
EKSRC
Reserved†
RW-0
R/W-0
R/W-0
Legend: R/W = Read/Write; -n = value after reset
† Do not write non-zero values to these bit locations.
Table 17. Device Configuration (DEVCFG) Register Selection Bit Descriptions
BIT #
NAME
DESCRIPTION
31:5
Reserved
Reserved. Do not write non-zero values to these bit locations.
4
EKSRC
EMIF input clock source bit.
Determines which clock signal is used as the EMIF input clock.
0
= SYSCLK3 (from the clock generator) is the EMIF input clock source (default)
1
= ECLKIN external pin is the EMIF input clock source
3:0
Reserved
Reserved. Do not write non-zero values to these bit locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com