Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6433 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6433
Description  Digital Media Processor
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6433 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320DM6433 Datasheet HTML 49Page - Texas Instruments TMS320DM6433 Datasheet HTML 50Page - Texas Instruments TMS320DM6433 Datasheet HTML 51Page - Texas Instruments TMS320DM6433 Datasheet HTML 52Page - Texas Instruments TMS320DM6433 Datasheet HTML 53Page - Texas Instruments TMS320DM6433 Datasheet HTML 54Page - Texas Instruments TMS320DM6433 Datasheet HTML 55Page - Texas Instruments TMS320DM6433 Datasheet HTML 56Page - Texas Instruments TMS320DM6433 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 271 page
background image
TMS320DM6433
Digital Media Processor
www.ti.com
SPRS343C – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-21. I2C Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
I2C
For I2C, this pin is I2C clock. In I2C master mode, this pin is an
output. In I2C slave mode, this pin is an input.
SCL
M2
N2
I/O/Z
DVDD33
When the I2C module is used, for proper device operation, this pin
must be pulled up via an external resistor.
For I2C, this pin is the I2C bi-directional data signal.
SDA
M3
P2
I/O/Z
DVDD33
When the I2C module is used, for proper device operation, this pin
must be pulled up via an external resistor.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com