Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM357-MOD-LR-RF-T Datasheet(PDF) 41 Page - Silicon Laboratories

Part # EM357-MOD-LR-RF-T
Description  EM35x Development Kit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-MOD-LR-RF-T Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button EM357-MOD-LR-RF-T Datasheet HTML 35Page - Silicon Laboratories EM357-MOD-LR-RF-T Datasheet HTML 36Page - Silicon Laboratories EM357-MOD-LR-RF-T Datasheet HTML 37Page - Silicon Laboratories EM357-MOD-LR-RF-T Datasheet HTML 38Page - Silicon Laboratories EM357-MOD-LR-RF-T Datasheet HTML 39Page - Silicon Laboratories EM357-MOD-LR-RF-T Datasheet HTML 40Page - Silicon Laboratories EM357-MOD-LR-RF-T Datasheet HTML 41Page - Silicon Laboratories EM357-MOD-LR-RF-T Datasheet HTML 42Page - Silicon Laboratories EM357-MOD-LR-RF-T Datasheet HTML 43Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
8-3
EM35x Development Kit User Guide
120-4030-000E
These jumper settings can be seen in Figure 8-1.
Figure 8-1. Jumper setting for Deep Sleep Current Testing
•
Given an RCM programmed with Nodetest, execute the "shutdown" command:
> shutdown
Will wake from GPIO activity on the following port pins:
Port B, pin 6.
Port C, pin 6.
Entering SLEEPMODE_POWERDOWN via halSleep...
•
Once the node is asleep, disconnect the InSight Port cable, the DEI cable, the RS232 cable, and remove all
four UART jumpers (J22, J24, J25, and J26) from the Breakout Board between the USB and RS232
connectors to obtain the lowest current settings. All other jumpers may remain installed.
•
Waking up is accomplished via either activity on the SerialWire debugger or pressing BUTTON0 or BUTTON1.
To measure deep sleep while the InSight Port cable is still attached, issue the "swjdisable 1" command in
Nodetest to disable the SerialWire/JTAG port, and place the SWJ pins in a low current state. While the SWJ is
disabled, the InSight Port/debugger will not be functional until either the command "swjdisable 0" is issued or
the chip resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com