Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XIO2221 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 36 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 32Page - Texas Instruments XIO2221 Datasheet HTML 33Page - Texas Instruments XIO2221 Datasheet HTML 34Page - Texas Instruments XIO2221 Datasheet HTML 35Page - Texas Instruments XIO2221 Datasheet HTML 36Page - Texas Instruments XIO2221 Datasheet HTML 37Page - Texas Instruments XIO2221 Datasheet HTML 38Page - Texas Instruments XIO2221 Datasheet HTML 39Page - Texas Instruments XIO2221 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 196 page
background image
SDA
SCL
Start
Condition
Stop
Condition
Changeof
Data Allowed
DataLineStable,
DataValid
SCL From
Master
1
2
3
7
8
9
SDA Output
ByTransmitter
SDA Output
ByReceiver
XIO2221
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
www.ti.com
3.5.2
Serial-Bus Interface Protocol
All data transfers are initiated by the serial-bus master. The beginning of a data transfer is indicated by a
start condition, which is signaled when the SDA line transitions to the low state while SCL is in the high
state (see Figure 3-7). The end of a requested data transfer is indicated by a stop condition, which is
signaled by a low-to-high transition of SDA while SCL is in the high state (see Figure 3-7). Data on SDA
must remain stable during the high state of the SCL signal, as changes on the SDA signal during the high
state of SCL are interpreted as control signals, that is, a start or stop condition.
Figure 3-7. Serial-Bus Start/Stop Conditions and Bit Transfers
Data is transferred serially in 8-bit bytes. During a data transfer operation, the exact number of bytes that
are transmitted is unlimited. However, each byte must be followed by an acknowledge bit to continue the
data transfer operation. An acknowledge (ACK) is indicated by the data byte receiver pulling the SDA
signal low, so that it remains low during the high state of the SCL signal. Figure 3-8 shows the
acknowledge protocol.
Figure 3-8. Serial-Bus Protocol Acknowledge
The bridge performs three basic serial-bus operations: single-byte reads, single-byte writes, and multibyte
reads. The single-byte operations occur under software control. The multibyte read operations are
performed by the serial EEPROM initialization circuitry immediately after a PCIe reset (see Section 3.5.3,
Serial-Bus EEPROM Application, for details on how the bridge automatically loads the subsystem
identification and other register defaults from the serial-bus EEPROM.
Figure 3-9 shows a single-byte write. The bridge issues a start condition and sends the 7-bit slave device
address, and the R/W command bit is equal to 0b. A 0b in the R/W command bit indicates that the data
transfer is a write. The slave device acknowledges if it recognizes the slave address. If no
acknowledgment is received by the bridge, bit 1 (SB_ERR) is set in the serial-bus control and status
register (PCI offset B3h, see Section 4.59). Next, the EEPROM word address is sent by the bridge, and
another slave acknowledgment is expected. Then the bridge delivers the data-byte most significant bit
(MSB) first and expects a final acknowledgment before issuing the stop condition.
36
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com