Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSTI1OP-519-C1-R3 Datasheet(PDF) 9 Page - Texas Instruments

Part # ATSTI1OP-519-C1-R3
Description  TAS5622-TAS5624DDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATSTI1OP-519-C1-R3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ATSTI1OP-519-C1-R3 Datasheet HTML 5Page - Texas Instruments ATSTI1OP-519-C1-R3 Datasheet HTML 6Page - Texas Instruments ATSTI1OP-519-C1-R3 Datasheet HTML 7Page - Texas Instruments ATSTI1OP-519-C1-R3 Datasheet HTML 8Page - Texas Instruments ATSTI1OP-519-C1-R3 Datasheet HTML 9Page - Texas Instruments ATSTI1OP-519-C1-R3 Datasheet HTML 10Page - Texas Instruments ATSTI1OP-519-C1-R3 Datasheet HTML 11Page - Texas Instruments ATSTI1OP-519-C1-R3 Datasheet HTML 12Page - Texas Instruments ATSTI1OP-519-C1-R3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0x00
6C
www.ti.com
Quick Setup Guide
2.6
GUI Software Installation and EVM Startup
The TAS5622-TAS5624DDVEVM is controlled by the Input-USB Board 3 with the TAS5538 GUI. The
TAS5538 GUI provides control of all registers in TAS5538. Download the current version of the GUI zip
file "TAS5538_xxxx.zip" from the TAS5622DDVEVM folder or the TAS5624DDVEVM folder on
http://www.ti.com to a convenient location on the host PC. Create a new folder at a convenient location
and extract the files from the zip file to the new folder. Be sure to check the box labeled “Use folder
names” during extraction. Then connect the USB cable between the host PC and jack USB-IN on the
Input-USB Board 3. Then turn on the 12V power supply and the PVDD power supply in that order.
Start the GUI by opening "TAS55XX_GUI.exe" in the new folder. Startup will take a few seconds and the
following window will open.
Click CONNECT and then READ, to verify that the data in register 0x00 read 6C.
Figure 6. TAS5538 GUI Window
NOTE:
If the address that is read is not 6C, make sure the USB is connected to the PC and check
for HID enumeration.
– Open the PC device manager. Right-click My Computer on desktop and open Properties,
then Hardware, then Device Manager.
– Expand "Human Interface Devices".
– Plug and unplug the USB cable from Input-USB Board 3 and confirm that an HID icon
appears.
Uncheck "ShutDown" and click the "Master Volume" icon to open the following window.
9
SLAU376 – May 2012
TAS5622-TAS5624DDVEVM
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com